Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M60028LVC-R

  • AI
    The **M60028LVC-R** is an integrated circuit (IC) primarily designed for specialized battery management and protection applications. It is frequently used in multi-cell Lithium-ion battery packs to ensure safety and longevity. --- ### 1. Key Technical Specifications Below are the typical characteristics associated with this specific component: | Feature | Description | | :--- | :--- | | **Component Type** | Battery Protection IC | | **Cell Configuration** | Typically 3-series to 5-series (3S - 5S) | | **Package Type** | TSSOP (Thin Shrink Small Outline Package) | | **Function** | Overcharge, Over-discharge, and Over-current protection | | **Mounting Type** | Surface Mount (SMD) | --- ### 2. Core Functional Blocks The internal circuitry of the M60028LVC-R is divided into several critical monitoring segments: 1. **Voltage Detection:** High-precision comparators monitor each individual cell. If a cell exceeds the threshold (Overcharge) or drops below the limit (Over-discharge), the IC triggers a protection signal. 2. **Current Sensing:** It monitors the voltage drop across an external shunt resistor to detect excessive current flow (Short Circuit or Over-current during discharge). 3. **Delay Circuitry:** Built-in timers prevent "nuisance" tripping caused by momentary voltage spikes or dips during high-load startups. 4. **Control Logic:** This block manages the gates of external N-Channel MOSFETs, turning them off to disconnect the battery from the load or charger when a fault occurs. --- ### 3. Application Circuit Components When using the M60028LVC-R in a design, the following supporting electronic parts are usually required: * **Switching MOSFETs:** High-power N-channel FETs used to interrupt the main power path. * **Sensing Resistors:** Low-ohm resistors (mΩ range) used to measure current. * **Filtering Capacitors:** Placed on the power pins to smooth out noise and provide stability to the internal reference voltage. * **Protection Resistors:** Placed on the individual cell sense lines to protect the IC pins from high-voltage transients. --- ### 4. Common Applications * **Power Tools:** Cordless drills, saws, and grinders. * **Vacuum Cleaners:** Handheld and robotic battery-operated vacuums. * **E-Bikes:** Smaller capacity 36V or 48V battery management systems (BMS). * **Portable Energy Storage:** Small-scale UPS or power banks.
    ✨ Follow-up Questions
    • ⤷ What are the specific overcharge voltage thresholds for the M60028LVC-R?
    • ⤷ Can this IC be used for 10S battery configurations?
    • ⤷ What is the typical operating temperature range for this part?