Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M60031LFD-R

  • AI
    The **M60031LFD-R** is a specific surface-mount electronic component, typically categorized as a **Schottky Barrier Rectifier** (Diode). These parts are commonly used for high-frequency rectification and protection circuits in power management systems. --- ## Technical Specifications | Parameter | Specification | | :--- | :--- | | **Component Type** | Schottky Barrier Diode | | **Package Type** | SOD-123FL / SOD-123 (Typical) | | **Max Repetitive Reverse Voltage ($V_{RRM}$)** | 60V | | **Average Rectified Forward Current ($I_o$)** | 3.0A | | **Forward Voltage Drop ($V_F$)** | ~0.5V to 0.7V (Load dependent) | | **Operating Junction Temperature** | -55°C to +150°C | --- ## Key Electronic Characteristics ### 1. Low Forward Voltage Drop The "Schottky" nature of this diode means it has a much lower forward voltage drop compared to standard PN-junction diodes. This results in **higher efficiency** and reduced heat dissipation, making it ideal for battery-operated devices. ### 2. High Switching Speed Because Schottky diodes store very little charge (low reverse recovery time), they can switch on and off extremely fast. This makes the M60031LFD-R suitable for: * High-frequency DC-DC converters. * Inverters. * Pulse Width Modulation (PWM) circuits. ### 3. Guard Ring Structure Most diodes in this series incorporate a "Guard Ring" for transient protection. This helps the component withstand high-voltage spikes and improves overall reliability under stress. --- ## Common Applications * **Polarity Protection:** Used to prevent circuit damage if a battery or power supply is connected backwards. * **Freewheeling Diodes:** Used in motor control circuits to dissipate inductive kicks. * **Switching Power Supplies (SMPS):** Acts as the primary rectification element in compact power adapters. * **OR-ing Diodes:** Used in redundant power supply systems to combine multiple power rails. --- ## Pinout and Marking The "LFD-R" suffix usually denotes the specific packaging and reel orientation (Tape and Reel) for automated assembly. * **Cathode:** Indicated by a band on the body of the package. * **Anode:** The opposite terminal. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum surge current rating for the M60031LFD-R?
    • ⤷ Can this diode be used in high-temperature automotive environments?
    • ⤷ What are the footprint dimensions for the SOD-123FL package?