Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M60038GVCK-R

  • AI
    The **M60038GVCK-R** is a specific electronic component, typically classified as a **Crystal Oscillator**. It belongs to the frequency control category of electronic parts and is often manufactured by companies like **Microchip** or **Vectron (acquired by Microchip)**. Below is a breakdown of its electronic characteristics and specifications. --- ## 1. Technical Specifications This component is designed for high-precision timing applications. While specific datasheet values can vary by production batch, the "M6003" series generally follows these parameters: | Parameter | Typical Value | | :--- | :--- | | **Component Type** | Crystal Oscillator (XO) / TCXO | | **Package Type** | Surface Mount (SMD) | | **Supply Voltage** | Usually 3.3V or 5.0V | | **Output Type** | CMOS / TTL Compatible | | **Frequency Stability** | High (often ±25ppm to ±50ppm) | | **Operating Temperature** | -40°C to +85°C (Industrial Grade) | --- ## 2. Key Electronic Features ### A. Frequency Stability The "GVCK" suffix often denotes specific stability and voltage configurations. These parts are engineered to maintain a consistent clock signal despite changes in temperature or input voltage, which is critical for digital synchronization. ### B. Low Phase Noise This part is designed to minimize "jitter" (timing uncertainty). Low phase noise is essential for communication equipment to prevent data errors during high-speed transmission. ### C. Mechanical Durability The "R" suffix usually indicates **RoHS Compliance** (Restriction of Hazardous Substances) and often implies the part is shipped in **Tape & Reel** format for automated pick-and-place assembly. --- ## 3. Common Applications Due to its precision, the M60038GVCK-R is typically found in the following circuits: * **Networking Gear:** Routers, switches, and base stations. * **Industrial Automation:** PLCs and high-speed sensor interfaces. * **Embedded Systems:** Providing the master clock for Microcontrollers (MCUs) or FPGAs. * **Telecommunications:** Used in synchronization layers for data transport. --- ## 4. Understanding the Part Number (General Breakdown) * **M6003:** The base series or model family. * **8:** Often designates the package size (e.g., 5x7mm or 3.2x5mm). * **GVCK:** Internal codes for Frequency, Voltage, and Stability. * **-R:** RoHS compliant and Tape/Reel packaging.
    ✨ Follow-up Questions
    • ⤷What is the exact output frequency of the M60038GVCK-R?
    • ⤷ Is this oscillator compatible with 1.8V logic levels?
    • ⤷ What are the physical dimensions of the SMD package for this part?