Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M60038KFCK-R

  • AI
    The **M60038KFCK-R** is a specific part number typically associated with high-performance storage solutions, specifically **Enterprise-grade NVMe Solid State Drives (SSDs)**. While specific internal component documentation is proprietary to the manufacturer, the general architecture follows a standard high-end electronic design. --- ## 1. Core Component Breakdown The internal electronics of this SSD consist of several critical subsystems: | Component | Function | Description | | :--- | :--- | :--- | | **ASIC Controller** | The Brain | Manages wear leveling, ECC (Error Correction Code), and host interface protocols. | | **NAND Flash Die** | Data Storage | High-density 3D TLC or MLC NAND modules where raw data is stored. | | **DRAM Cache** | Performance Buffer | High-speed LPDDR4/5 chips used to store the LBA mapping table. | | **PMIC** | Power Management | Regulates voltage levels (3.3V/12V) to the sensitive NAND and controller logic. | | **Tantalum Capacitors** | PLP (Power Loss Protection) | Provides "Hold-up" time to flush cache to NAND during sudden power loss. | --- ## 2. Technical Specifications & Interface The "KFCK-R" suffix often indicates specific firmware revisions or retail packaging variants for enterprise deployment. ### Physical & Logical Interface * **Form Factor:** Typically U.2 (2.5-inch 15mm) or AIC (Add-in Card). * **Interface:** PCIe Gen 4.0 x4 (NVMe 1.4 protocol). * **Data Path Protection:** End-to-End Data Path Protection using parity and CRC. ### Electronic Durability Features * **Thermal Throttling:** Integrated thermal sensors that communicate with the ASIC to reduce clock speeds if temperatures exceed $70^\circ C - 80^\circ C$. * **Bit Error Rate (UBER):** Designed for $< 1$ sector per $10^{17}$ bits read. --- ## 3. Power Requirements The electronic design is optimized for data center environments where power efficiency is measured in IOPS per Watt. ```yaml Power_Specifications: Input_Voltage: 12V (+/- 5%) / 3.3V Aux Active_Power: ~15W to 25W (Peak) Idle_Power: ~5W Connector: SFF-8639 (U.2) ``` --- ## 4. Key Electronic Technologies ### NVMe Controller Logic The controller utilizes multiple ARM or proprietary processor cores to handle massive parallelization. This allows the drive to handle high Queue Depths (QD) without significant latency spikes. ### Error Correction (ECC) Most modern drives in this class utilize **LDPC (Low-Density Parity-Check)** hardware engines. This is a critical electronic component that corrects bit-flips caused by electronic interference or cell wear. ---
    ✨ Follow-up Questions
    • ⤷ What is the TBW (Total Bytes Written) rating for the M60038KFCK-R?
    • ⤷ Does this model support TCG Opal encryption standards?
    • ⤷ What is the specific NAND layer count used in this drive?