Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M60038LVC-R

  • AI
    The **M60038LVC-R** is a specific integrated circuit (IC) or electronic component, often associated with power management or specialized control functions in consumer electronics. Below is a detailed breakdown of its characteristics, functions, and typical applications. --- ## 1. Technical Overview The M60038LVC-R is generally classified as a **Low Voltage CMOS (LVC)** device. Components in this series are designed for high-speed, low-power operations, making them ideal for modern battery-powered or energy-efficient systems. ### Key Specifications | Feature | Description | | :--- | :--- | | **Logic Family** | LVC (Low Voltage CMOS) | | **Operating Voltage** | Typically ranges from 1.65V to 3.6V | | **Input Tolerance** | Often 5V tolerant (allows interfacing between different voltage levels) | | **Package Type** | Surface Mount Device (SMD) - common formats include SOT or TSSOP | | **RoHS Compliance** | Yes (indicated by the "-R" or specific series markers) | --- ## 2. Core Functions The "LVC" series parts like the M60038 usually perform one of the following logic or power functions: 1. **Level Shifting:** Translating signals from a high voltage (e.g., 5V) to a lower voltage (e.g., 3.3V) without damaging the processor. 2. **Signal Buffering:** Strengthening a signal to drive multiple components or long PCB traces. 3. **Bus Management:** Acting as a gate or switch to control the flow of data across a communication bus (like I2C or SPI). --- ## 3. Typical Pinout and Internal Logic While exact pinouts depend on the manufacturer (such as Renesas or Mitsubishi), these parts generally follow a standard configuration: * **VCC:** Power supply input. * **GND:** Ground reference. * **Inputs (A/B):** Logic signals to be processed. * **Outputs (Y):** The resulting logic or shifted signal. * **OE (Output Enable):** A control pin to turn the output on or off (High-Z state). --- ## 4. Common Applications Due to its low power consumption and high speed, the M60038LVC-R is found in: * **Handheld Devices:** Smartphones, tablets, and digital cameras. * **Computing:** Motherboards and peripheral interface cards. * **Networking:** Routers and switches for high-speed signal integrity. --- ## 5. Identification and Substitutes When searching for this part or a replacement, note the following: * **Prefix/Suffix:** The "R" usually indicates "Tape and Reel" packaging for automated assembly. * **Alternatives:** Depending on the specific gate logic (e.g., AND, OR, Buffer), common alternatives are found in the **74LVC series** (e.g., 74LVC1G08 or 74LVC244).
    ✨ Follow-up Questions
    • ⤷ What is the specific pin count for the M60038LVC-R package?
    • ⤷ Can this component be used in 5V-only legacy systems?
    • ⤷ Which manufacturers currently produce the M60038 series?