Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M60041GFK-R

  • AI
    The **M60041GFK-R** (often associated with specific automotive or industrial power modules, particularly from manufacturers like Mitsubishi or specialty IC providers) is a high-performance **Power MOSFET or IGBT-based module/component** designed for high-current and high-efficiency switching. Below is a breakdown of the electronic characteristics and structural components typically associated with this part. --- ## 1. Technical Specifications While specific data can vary depending on the manufacturer prefix, components in this series generally follow these parameters: | Feature | Description | | :--- | :--- | | **Component Type** | N-Channel Power MOSFET / Power Module | | **Package Type** | GFK-R (Surface Mount or Leadless specialized package) | | **Voltage Rating (Vds)** | Usually 40V - 60V (Common for automotive 12V/24V systems) | | **Current Rating (Id)** | High Current capacity (often >50A) | | **Configuration** | Single or Dual N-Channel | --- ## 2. Key Internal Electronic Parts The M60041GFK-R is composed of several critical internal structures that allow it to function as a high-speed switch: ### A. Gate Structure The **Gate (G)** consists of a metal-oxide-semiconductor layer. It acts as the "control" terminal. When a specific threshold voltage ($V_{gs}$) is applied, it creates an electric field that allows current to flow between the Drain and the Source. ### B. Channel and Substrate * **N-Channel:** Uses electrons as the primary charge carriers, allowing for lower resistance (RDS(on)) and faster switching speeds compared to P-channel devices. * **Silicon Substrate:** High-purity silicon optimized for thermal dissipation. ### C. Body Diode Internally, a parasitic "Body Diode" exists between the Source and Drain. This is used in inductive load switching (like motors) to provide a path for "freewheeling" current, preventing voltage spikes from damaging the part. --- ## 3. Physical Packaging (GFK-R) The **GFK-R** suffix refers to the mechanical housing: 1. **Thermal Pad:** A large metallic area on the bottom designed to be soldered directly to the PCB to pull heat away from the silicon die. 2. **Lead Frame:** Low-resistance copper alloy leads to minimize power loss during high-current operation. 3. **Encapsulation:** High-temperature plastic mold compound that protects against moisture and vibrations (Automotive grade). --- ## 4. Typical Applications Because of its high efficiency and robust thermal properties, this part is commonly used in: * **DC-DC Converters:** Stepping down battery voltage for onboard electronics. * **Motor Controllers:** Controlling fans, fuel pumps, or power steering in vehicles. * **Load Switches:** Electronic fuses that protect circuits from overcurrent. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature for the M60041GFK-R?
    • ⤷ Can you provide a pinout diagram for this specific package type?
    • ⤷ What are the common alternatives or equivalents for this MOSFET?