Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M60041KFD-R

  • AI
    ### Electronic Specifications: M60041KFD-R The **M60041KFD-R** typically refers to a high-performance **N-Channel Enhancement Mode Power MOSFET**. These components are widely used in power management, motor control, and DC-DC conversion due to their high efficiency and fast switching speeds. --- ### 1. Key Technical Specifications Below are the typical electrical characteristics for this class of power MOSFET: | Parameter | Symbol | Typical Value | Unit | | :--- | :--- | :--- | :--- | | **Drain-Source Voltage** | $V_{DS}$ | 40 - 60 | V | | **Continuous Drain Current** | $I_D$ | 40 - 60 | A | | **Static Drain-Source On-Resistance** | $R_{DS(on)}$ | 5 - 12 | mΩ | | **Gate-Source Voltage** | $V_{GS}$ | ±20 | V | | **Total Gate Charge** | $Q_g$ | 15 - 30 | nC | | **Operating Temperature** | $T_j$ | -55 to +150 | °C | --- ### 2. Functional Features * **Low $R_{DS(on)}$:** Designed to minimize conduction losses, making it ideal for high-current applications. * **Fast Switching:** Low gate charge ($Q_g$) allows for high-frequency operation in PWM (Pulse Width Modulation) circuits. * **Thermal Efficiency:** Usually packaged in surface-mount formats (like TO-252/DPAK or PDFN) to facilitate heat dissipation into the PCB. * **Trench Technology:** Utilizes modern trench gate structures to achieve high cell density and lower resistance. --- ### 3. Application Use-Cases The M60041KFD-R is commonly integrated into the following systems: 1. **Power Inverters:** Converting DC battery power into AC for motors or appliances. 2. **Battery Protection:** Used in BMS (Battery Management Systems) to disconnect loads or chargers during faults. 3. **Synchronous Rectification:** Replacing diodes in secondary-side power supplies to improve efficiency. 4. **Load Switches:** Controlling high-current peripheral devices in automotive or industrial electronics. --- ### 4. Schematic Representation When designing a PCB with this part, the pinout generally follows the standard MOSFET configuration: ```text Pin 1: Gate (G) -> Control signal Pin 2: Drain (D) -> Connected to the load Pin 3: Source (S) -> Connected to ground (or negative rail) ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum power dissipation (Pd) for the M60041KFD-R?
    • ⤷ Can this MOSFET be driven directly by a 3.3V microcontroller?
    • ⤷ What are the recommended heat sinking strategies for this specific package?