Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M60042GFK-R

  • AI
    The **M60042GFK-R** is a specific surface-mount semiconductor component, typically associated with **MITSUMI (MinebeaMitsumi)**. It is primarily categorized as a **Reset IC** or a **System Reset Integrated Circuit** designed for voltage monitoring. --- ### 1. Component Overview The device is used to monitor power supply rails and ensure that a microcontroller or system-on-chip (SoC) is held in a "Reset" state until the power supply reaches a stable, predefined threshold. This prevents erratic behavior during power-up or power-down sequences. ### 2. Technical Specifications The "GFK" and "R" suffixes in the part number usually denote specific voltage thresholds and packaging options. | Parameter | Typical Description | | :--- | :--- | | **Function** | Voltage Detector / Reset IC | | **Output Type** | CMOS or Open-Drain (usually Active-Low) | | **Detection Voltage** | Fixed internally (varies by sub-model) | | **Delay Time** | Built-in delay (Reset period) | | **Operating Voltage** | Low voltage operation (typically 0.7V to 10V range) | | **Package Type** | Small Outline (SOT-25 / SC-74A or similar) | | **RoHS Status** | Lead-free / RoHS Compliant | --- ### 3. Key Features * **High Accuracy:** Precise detection of voltage drops to protect memory and logic. * **Low Power Consumption:** Designed for battery-operated devices where quiescent current must be minimized. * **Manual Reset (Optional):** Some variants include an input for a physical reset button. * **Hysteresis:** Prevents "chattering" or rapid switching when the voltage fluctuates near the threshold level. --- ### 4. Pin Configuration (Typical) While you should always consult the specific datasheet for the M60042 series, the common pinout for this class of IC is as follows: | Pin Number | Name | Function | | :--- | :--- | :--- | | 1 | **VOUT** | Reset Output (connects to MCU Reset pin) | | 2 | **VDD** | Power Supply Input / Sense Pin | | 3 | **GND** | Ground | | 4 | **NC/CD** | No Connection or Delay Capacitor pin | | 5 | **DS** | Delay Selection or Manual Reset | --- ### 5. Common Applications 1. **Microprocessor Supervisory:** Ensuring the CPU starts only when power is clean. 2. **Battery Powered Equipment:** Monitoring battery discharge levels to shut down the system safely. 3. **Industrial Controllers:** Protecting logic states during brown-out conditions. 4. **Consumer Electronics:** Used in cameras, tablets, and handheld devices.
    ✨ Follow-up Questions
    • ⤷ What is the specific detection voltage for the 'GFK' variant?
    • ⤷ Can you provide a typical application circuit diagram for this IC?
    • ⤷ What are the equivalents or alternatives to the M60042 series?