Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M60042JVCK-R

  • AI
    The **M60042JVCK-R** (often associated with high-performance automotive or industrial engine control systems, particularly from manufacturers like Mitsubishi Electric) is a specialized integrated circuit, typically a **Power MOSFET Module** or an **IGBT Driver IC** designed for motor control and power conversion. Below is a breakdown of its electronic characteristics and technical specifications. --- ### 1. Technical Specifications Overview This component is designed to handle high-current loads and manage power switching efficiently. | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | Power Management / MOSFET Module | | **Configuration** | N-Channel / Half-Bridge or Single Switch | | **Mounting Type** | Surface Mount (SMD) or Specific Module Case | | **Primary Application** | Automotive ECU, Motor Drive, Power Inverters | | **Thermal Protection** | Integrated Heat Dissipation Interface | --- ### 2. Core Electronic Parts & Functions #### A. Internal Semiconductor Structure The "M60042" series usually utilizes **Trench Gate technology**. This reduces the "on-resistance" ($R_{DS(on)}$), which minimizes power loss during operation and reduces heat generation. #### B. Package Design The "JVCK-R" suffix often refers to the specific packaging and reel orientation: * **JVCK:** Indicates a specific mold or lead-frame design optimized for high-vibration environments (Automotive Grade). * **-R:** Generally signifies "RoHS Compliant" and "Tape and Reel" packaging for automated assembly. #### C. Control Pins and Logic * **Gate (G):** Controls the switching state of the component. * **Drain (D) / Source (S):** The primary path for high-current flow. * **Protection Circuitry:** Some variants include internal ESD (Electrostatic Discharge) protection diodes to prevent damage during handling or voltage spikes. --- ### 3. Key Electronic Characteristics 1. **Low Thermal Resistance:** Designed to transfer heat rapidly from the silicon junction to the external heat sink. 2. **High Switching Speed:** Capable of operating at high frequencies, which allows for smaller inductors and capacitors in the overall circuit design. 3. **Voltage Tolerance:** Built to withstand load dump scenarios common in 12V/24V automotive systems. --- ### 4. Typical Application Circuit In a standard configuration, this part acts as the "muscle" of a circuit, controlled by a low-power Microcontroller (MCU). ```mermaid graph LR A[Microcontroller] -->|PWM Signal| B[Gate Driver] B -->|Switching| C(M60042JVCK-R) C --> D[Electric Motor / Load] Power[DC Supply] --> C ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the specific voltage and current ratings for the M60042 series?
    • ⤷ Can this part be used in 48V mild-hybrid automotive systems?
    • ⤷ What are the recommended heat sink requirements for this module?