Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M60042KFC-R

  • AI
    The **M60042KFC-R** is a specific surface-mount electronic component, typically categorized as a **Chip Resistor** or a **Resistor Network**, often manufactured by companies like ROHM Semiconductor or similar electronic part suppliers. Below is a breakdown of its technical characteristics and electronic properties. --- ### 1. General Specifications The part number follows a standard nomenclature for passive components. Here are the likely specifications based on the "M600" series standard: | Feature | Description | | :--- | :--- | | **Component Type** | Fixed Resistor / Chip Resistor | | **Resistance Value** | Determined by the middle digits (typically 4.2kΩ) | | **Tolerance** | "F" usually denotes ±1% (Precision) | | **Package Style** | Surface Mount Device (SMD) | | **Packaging** | "R" typically signifies Tape & Reel for automated assembly | --- ### 2. Key Electronic Parameters When integrating this part into a circuit, engineers look at the following electronic behaviors: * **Power Rating:** Usually rated between **0.063W (1/16W)** and **0.1W**, depending on the physical case size (e.g., 0402 or 0603 imperial). * **Temperature Coefficient (TCR):** Typically **±100 ppm/°C**, ensuring stability across different operating temperatures. * **Voltage Rating:** Maximum working voltage is generally around **50V to 150V** depending on the specific footprint. * **Operating Temperature Range:** Standard industrial range of **-55°C to +155°C**. --- ### 3. Construction and Materials The "KFC" suffix often refers to the material composition and termination style: 1. **Resistive Element:** Thick film or Thin film metal glaze fired onto a high-grade ceramic substrate. 2. **Termination:** Features a multi-layer electrode structure, typically: * *Inner Layer:* Silver/Palladium. * *Middle Layer:* Nickel barrier (to prevent leaching during soldering). * *Outer Layer:* Tin (Sn) plating for excellent solderability. 3. **Protective Coating:** A glass or epoxy overcoat to protect the resistive element from moisture and mechanical damage. --- ### 4. Applications This part is used in various electronic assemblies where precision and space-saving are required: * **Pull-up/Pull-down Resistors:** In digital logic circuits. * **Voltage Dividers:** In power management modules. * **Current Limiting:** For LEDs or low-power transistors. * **Consumer Electronics:** Found in smartphones, tablets, and automotive control modules.
    ✨ Follow-up Questions
    • ⤷ What is the exact physical package size (e.g.
    • ⤷ 0603 or 0805) for this part number?
    • ⤷ Can you provide the derating curve for this resistor at high temperatures?
    • ⤷ Is this part compliant with AEC-Q200 standards for automotive use?