Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M60048JFC-R

  • AI
    The **M60048JFC-R** is a specific surface-mount electronic component, typically categorized as a **Common Mode Choke (Filter)**. These components are essential in power electronics and signal lines to suppress electromagnetic interference (EMI) and radio frequency interference (RFI). --- ### 1. Key Technical Specifications While exact specifications can vary by manufacturer (often associated with brands like **Delta Electronics** or specialized inductive component suppliers), the general profile for this part number is as follows: | Feature | Description | | :--- | :--- | | **Component Type** | Common Mode Choke / EMI Filter | | **Mounting Type** | Surface Mount Device (SMD/SMT) | | **Primary Function** | Noise suppression in power/data lines | | **Impedance** | Typically optimized for high-frequency noise | | **Core Material** | Ferrite (usually Ni-Zn or Mn-Zn) | | **Configuration** | Dual winding (4 terminals) | --- ### 2. Functional Roles The M60048JFC-R serves several critical roles within a circuit: 1. **Noise Filtering**: It allows "differential signals" (the desired current) to pass through while providing high impedance to "common-mode" noise (unwanted interference affecting both lines). 2. **EMI Compliance**: Helps the final product meet regulatory standards (like FCC or CE) regarding radiated and conducted emissions. 3. **Signal Integrity**: Protects sensitive downstream components from spikes or high-frequency transients. --- ### 3. Internal Structure and Packaging * **Dual Windings**: Internally, it consists of two coils wound on a single ferrite core. * **Termination**: The "JFC" suffix often refers to the lead-frame style or the specific termination coating (e.g., Lead-Free/RoHS compliant). * **Encapsulation**: Usually housed in a heat-resistant plastic or ceramic case to withstand reflow soldering temperatures. --- ### 4. Common Applications This part is frequently found in: * **Switching Power Supplies (SMPS)**: To filter noise generated by high-speed switching transistors. * **DC-DC Converters**: Preventing noise from feeding back into the main power bus. * **Communication Ports**: Used on USB, Ethernet, or CAN bus lines to ensure clean data transmission.
    ✨ Follow-up Questions
    • ⤷ What is the rated current and DC resistance for the M60048JFC-R?
    • ⤷ What are the physical dimensions or footprint of this SMD choke?
    • ⤷ Which manufacturers are the primary suppliers for this specific part number?