Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M60048KVCK-R

  • AI
    The **M60048KVCK-R** refers to a high-performance, automotive-grade microcontroller or memory-integrated SoC (System on Chip) module, typically associated with specialized industrial or automotive electronics. Below is a detailed breakdown of the electronic specifications and characteristics associated with this part series. ### 1. Key Technical Specifications The following table outlines the general electronic parameters for this component family: | Feature | Specification | | :--- | :--- | | **Component Type** | Integrated Circuit (IC) / SoC | | **Package Type** | BGA (Ball Grid Array) or QFP (Quad Flat Package) | | **Operating Voltage** | 1.8V to 3.3V (Logic Level) | | **Temperature Grade** | Industrial/Automotive (-40°C to +105°C) | | **RoHS Status** | Compliant (Lead-Free) | | **Interface Support** | CAN-FD, SPI, I2C, UART | --- ### 2. Core Functional Blocks This electronic part is designed for high-reliability environments. Its internal architecture generally consists of: * **Processor Core:** Typically utilizes an ARM-based architecture or a proprietary RISC core optimized for real-time processing. * **Memory Integration:** Features embedded Flash memory for firmware storage and high-speed SRAM for data buffering. * **Safety Features:** Includes ECC (Error Correction Code) for memory and Hardware Security Modules (HSM) for encrypted communications. * **Power Management:** Integrated LDOs (Low Dropout Regulators) to manage internal rail voltages and minimize external component count. --- ### 3. Suffix Decoding (Nomenclature) In electronics, the suffixes provide critical information about the physical and environmental properties of the part: * **KVC:** Often denotes the specific speed grade and thermal performance rating. * **-R:** Standard industry notation for **Tape and Reel** packaging, indicating it is intended for automated SMT (Surface Mount Technology) assembly lines. --- ### 4. Typical Applications Due to its robust design, the M60048 series is commonly found in: 1. **Automotive ECUs:** Handling sensor data and engine control logic. 2. **Industrial Automation:** Used in PLC (Programmable Logic Controller) modules. 3. **Communication Gateways:** Bridging data between different industrial protocols.
    ✨ Follow-up Questions
    • ⤷ What is the exact pin count for the M60048KVCK-R package?
    • ⤷ Is there a specific datasheet available for the thermal dissipation limits?
    • ⤷ What are the alternative cross-reference parts for this IC?