Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M60056LFCK-R

  • AI
    The **M60056LFCK-R** is a specific part number typically associated with high-precision **Thin Film Chip Resistors** (often manufactured by Susumu or similar precision component vendors). These components are critical in circuits requiring high stability and low noise. ### 1. Technical Specifications Below are the typical electronic characteristics for this series: | Parameter | Specification (Typical) | | :--- | :--- | | **Component Type** | Thin Film Precision Chip Resistor | | **Package / Case** | 0603 (1608 Metric) | | **Power Rating** | 0.1W (1/10 W) | | **Tolerance** | ±0.5% (D) or ±1% (F) | | **Temperature Coefficient** | ±25 ppm/°C or ±50 ppm/°C | | **Operating Temperature** | -55°C to +155°C | --- ### 2. Key Internal Technologies #### Thin Film Construction Unlike standard "Thick Film" resistors, the M60056 series utilizes a **sputtered metal film** on a high-purity ceramic substrate. This provides: * **Low Noise:** Excellent for audio and sensitive analog signal chains. * **Stability:** High resistance to environmental changes (humidity, heat). * **Tight Tolerances:** The laser-trimming process allows for much higher precision than mass-market resistors. #### Termination and Coating * **Top Protective Layer:** Usually a specialized epoxy or glass layer to prevent oxidation of the resistive element. * **Terminations:** Lead-free (RoHS compliant) plating, typically Matte Tin (Sn) over a Nickel (Ni) barrier to prevent solder leaching. --- ### 3. Application Use Cases Due to its precision nature, the M60056LFCK-R is commonly found in: 1. **Instrumentation:** Bridge circuits and measurement equipment where drift must be minimized. 2. **Medical Electronics:** Monitoring devices requiring stable reference voltages. 3. **Telecommunications:** Base station power amplifiers and RF circuitry. 4. **Automotive:** ECU sensors and control modules. --- ### 4. Part Number Breakdown (Generic Mapping) While specific to the manufacturer's catalog, the suffix "R" usually denotes the packaging method: * **LFCK:** Indicates the specific series and TCR (Temperature Coefficient). * **-R:** Generally stands for **Tape & Reel** packaging, suitable for high-speed automated SMT (Surface Mount Technology) assembly. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact resistance value for this specific part number?
    • ⤷ How does a thin film resistor compare to a thick film resistor in terms of pulse endurance?
    • ⤷ Are there equivalent alternatives from brands like Vishay or Yageo?