Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M690SDM-R01

  • AI
    The **M690SDM-R01** is a specialized motherboard (mainboard) primarily used in high-performance computing (HPC) environments, specifically within the **Inspur NF5468M6** AI server series. It is designed to facilitate high-density GPU communication. Below is a breakdown of its core electronic components and architecture. --- ### 1. Key Technical Specifications | Feature | Details | | :--- | :--- | | **Form Factor** | Proprietary Server Mezzanine/Baseboard | | **Compatible Processor** | 3rd Gen Intel® Xeon® Scalable Processors (Ice Lake) | | **Memory Support** | DDR4 ECC RDIMM (Multiple slots via riser interface) | | **Expansion Bus** | PCIe Gen 4.0 Support | | **Primary Application** | GPU Node / AI Training Server | --- ### 2. Major Electronic Subsystems #### A. Power Management System * **VRM (Voltage Regulator Modules):** High-phase count VRMs are located near the CPU sockets and memory interfaces to convert 12V DC input into stable low-voltage power (0.8V - 1.5V) for the silicon. * **Solid Capacitors:** Used for ripple filtering and ensuring stable power delivery under extreme computational loads. #### B. High-Speed Interconnects * **PCIe Switches:** The "R01" revision typically includes Broadcom/PEX PCIe switch chips. These chips act as traffic controllers, allowing multiple GPUs to communicate with the CPU and each other with minimal latency. * **UPI (Ultra Path Interconnect):** High-speed point-to-point links for cross-processor communication. #### C. Control and Management * **BMC (Baseboard Management Controller):** Usually an ASPEED AST2500 or AST2600 chip. This allows for "lights-out" management, enabling administrators to monitor thermals, voltages, and power cycles remotely. * **EEPROM/BIOS Chips:** Store the firmware (UEFI) and configuration data required for hardware initialization. #### D. Connectivity & I/O * **SFP+/QSFP Ports:** For high-speed networking (10GbE to 100GbE). * **SAS/SATA Controllers:** Integrated logic for managing storage arrays. --- ### 3. Component Layout Overview 1. **CPU Sockets:** Dual LGA-4189 sockets (typically). 2. **GPU Baseboard Interface:** High-density connectors (Golden Fingers or high-pin count headers) to link with the GPU carrier board (e.g., for NVIDIA A100 or H100 SXM modules). 3. **Heatsink Mounting:** Reinforced backplates to support massive passive or active cooling solutions required for 200W+ TDP processors. --- ### 4. Safety and Diagnostic Features * **Status LEDs:** Onboard SMD LEDs for POST (Power-On Self-Test) codes and error debugging. * **Thermal Sensors:** Strategically placed thermistors to trigger emergency throttling or fan speed increases if temperatures exceed safety thresholds. ---
    ✨ Follow-up Questions
    • ⤷ What are the compatible GPU models for the M690SDM-R01 board?
    • ⤷ How does the PCIe Gen 4.0 switch architecture impact AI training speeds?
    • ⤷ What is the specific BMC firmware version recommended for this revision?