Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M690SDM-R02

  • AI
    The **M690SDM-R02** is a specific industrial-grade motherboard/mainboard typically found in high-end workstations or specialized embedded systems (often associated with manufacturers like Mitac or specific server-client hardware). Below is a breakdown of its primary electronic components and architecture. --- ### 1. Core Processing Architecture The board is designed around a specific chipset and socket configuration to handle high-performance computing tasks. | Component | Description | | :--- | :--- | | **CPU Socket** | Usually supports Intel Core i-series or Xeon processors (depending on the specific generation of the R02 revision). | | **Chipset** | Often utilizes the Intel Q-series or C-series chipsets for enhanced manageability and I/O. | | **Memory Slots** | 2 to 4 DIMM slots supporting DDR4 RAM, often with ECC (Error Correction Code) support for stability. | --- ### 2. Power Management & Regulation To ensure stability, the R02 revision utilizes a complex power delivery system. * **VRM (Voltage Regulator Modules):** Uses multi-phase power design to convert power supply voltage into the low voltage required by the CPU. * **Solid Capacitors:** High-quality polymer capacitors are used to ensure longevity and heat resistance compared to standard electrolytic capacitors. * **Power Connectors:** Typically features a standard 24-pin ATX and an 8-pin 12V CPU power connector. --- ### 3. Connectivity & I/O Controllers The "SDM" in the name often implies a focus on **S**lot/**D**isplay/**M**anagement features. #### Internal Interfaces * **Storage:** SATA III (6Gb/s) ports and at least one M.2 NVMe slot for high-speed SSDs. * **Expansion:** PCIe x16 slots for discrete GPUs or FPGA accelerator cards. * **USB Headers:** Internal headers for USB 3.0/2.0 front panel access. #### External Ports (Rear I/O) * **Display:** DisplayPort (DP) or HDMI ports for high-resolution output. * **Networking:** Dual Gigabit Ethernet (GbE) ports, often controlled by Intel i210/i211 controllers for PXE boot and Wake-on-LAN. * **Serial:** Often includes a COM (RS-232) port for legacy industrial equipment communication. --- ### 4. Specialized Integrated Circuits (ICs) | IC Type | Function | | :--- | :--- | | **Super I/O Chip** | Manages low-speed hardware like the keyboard, mouse, serial ports, and hardware monitoring (fan speeds/temperatures). | | **BIOS/UEFI Chip** | A SPI Flash memory chip that stores the firmware required to initialize the hardware during boot. | | **Audio Codec** | Usually a Realtek ALC series chip for high-definition audio processing. | --- ### 5. Physical Design Characteristics * **Form Factor:** Typically Micro-ATX or a proprietary small form factor designed for 1U/2U rackmount chassis. * **PCB Layers:** High-density 6 to 8-layer PCB to reduce electromagnetic interference (EMI).
    ✨ Follow-up Questions
    • ⤷ What is the maximum RAM capacity supported by the M690SDM-R02?
    • ⤷ Which Intel processor generations are compatible with this board?
    • ⤷ Does this motherboard support remote management features like IPMI or vPro?