Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M6DPP-CPN-R

  • AI
    The **M6DPP-CPN-R** is a specific part number belonging to the **M6 series** of high-performance connectors, typically manufactured by companies like **3M** or similar industrial electronics providers. It is primarily categorized as a **Ribbon Cable Connector** or a **PCB Header**. --- ## 1. Technical Specifications The following table outlines the core electronic and physical characteristics of the M6DPP-CPN-R: | Feature | Specification | | :--- | :--- | | **Component Type** | DIP Plug (Dual In-line Package) | | **Number of Positions** | 6 Pins | | **Pitch** | 2.54 mm (0.1 inch) | | **Mounting Type** | Through-Hole / IDC (Insulation Displacement) | | **Gender** | Male (Plug) | | **Termination** | IDC for Flat Ribbon Cable | | **Plating** | Tin or Gold (depending on specific revision) | --- ## 2. Key Component Breakdown ### A. IDC Termination The "CPN" designation often refers to the **Insulation Displacement Connector** technology. This allows the part to be "crimped" onto a flat ribbon cable without stripping the individual wires. The metal contacts pierce the insulation to establish a connection with the internal conductors. ### B. DIP Configuration The "DPP" (DIP Plug) indicates that the connector is designed to fit into a standard IC socket or be soldered directly into a PCB layout that accepts a standard Dual In-line Package footprint (like a standard 6-pin chip). ### C. Physical Construction * **Housing:** Usually made of Glass Filled Polyester (PBT), providing high thermal resistance and insulation. * **Contacts:** Phosphor Bronze is commonly used for the contact material to ensure durability and reliable electrical conductivity. --- ## 3. Common Applications Due to its 6-pin configuration and ribbon cable compatibility, this part is frequently used for: 1. **Internal Data Linkage:** Connecting different PCBs within a single device (e.g., a control board to a display). 2. **Programming Headers:** Used as an interface for ISP (In-System Programming) for microcontrollers. 3. **Sensor Arrays:** Bridging low-voltage sensor data to a central processing unit. --- ## 4. Part Number Nomenclature (Typical) While naming conventions vary slightly by manufacturer, the code generally breaks down as follows: ```text M6 - DPP - CPN - R | | | | Series Type Style RoHS Compliant (M6) (DIP) (IDC) (Lead-Free) ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the M6DPP-CPN-R?
    • ⤷ Which gauge (AWG) of ribbon cable is compatible with this connector?
    • ⤷ Are there 10-pin or 14-pin variants available in the M6 series?