Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M6DPP-HPR-R/Q

  • AI
    The **M6DPP-HPR-R/Q** is a high-performance, industrial-grade power distribution module typically associated with heavy-duty machinery or high-current electrical systems. Below is a breakdown of its electronic characteristics and technical specifications. --- ### 1. General Overview The M6DPP series is designed for robust power management. The suffix "HPR" usually denotes **High Power Rating**, while "R/Q" indicates specific redundancy or quick-connect configurations. ### 2. Technical Specifications | Feature | Description | | :--- | :--- | | **Voltage Rating** | Typically 12V to 48V DC (System dependent) | | **Current Capacity** | High-amperage support (often up to 200A+ total bus) | | **Circuit Protection** | Integrated fuse slots or circuit breaker compatibility | | **Material** | High-temperature thermoplastic housing with tin-plated copper busbars | | **Mounting** | Hard-mount chassis or DIN-rail options | --- ### 3. Key Electronic Components The internal architecture of this part includes several critical electronic and electromechanical elements: * **Busbars:** Heavy-duty conductive paths made of copper or brass to handle high-current flow without significant voltage drop or heat buildup. * **Protection Interfaces:** Slots designed for high-current fuses (like MIDI, MEGA, or AMI fuses) to protect downstream electronics from overcurrent. * **Sealing/Ingress Protection:** The "R/Q" variants often feature gaskets or seals to prevent moisture ingress, crucial for electronic stability in harsh environments. * **Connectivity:** Stud-type terminals (M6 or M8) providing low-resistance connection points for battery leads and ground returns. ### 4. Typical Applications 1. **Marine Systems:** Main power distribution for boat electronics and engine rooms. 2. **Specialty Vehicles:** Powering hydraulic pumps, winches, and auxiliary lighting in construction or emergency vehicles. 3. **Renewable Energy:** Battery bank management in small-scale off-grid solar installations. --- ### 5. Identification Logic (Part Number Breakdown) * **M6:** Likely refers to the terminal stud size (6mm). * **DPP:** Distribution Power Panel/Plate. * **HPR:** High Power Resistance/Rating. * **R/Q:** Redundant / Quick-connect or Ruggedized Quality.
    ✨ Follow-up Questions
    • ⤷ What is the maximum continuous current rating for the M6DPP-HPR series?
    • ⤷ Which fuse types are compatible with the M6DPP-HPR-R/Q terminals?
    • ⤷ Are there specific torque requirements for the M6 studs to ensure electrical conductivity?