Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M6DPS2-R/UL

  • AI
    The **M6DPS2-R/UL** is a high-performance, ultra-slim signal conditioner/isolator produced by **M-System** (now MG CO., LTD.). This specific model is a **Loop-Powered Output Isolator**, primarily used to isolate and replicate 4–20mA current signals in industrial automation. --- ### 1. Technical Specifications Below are the primary electronic characteristics of the M6DPS2-R/UL: | Feature | Specification | | :--- | :--- | | **Input Signal** | 4 – 20 mA DC | | **Output Signal** | 4 – 20 mA DC (Loop-powered) | | **Power Input** | 24V DC (approx. 10% ripple P-P) | | **Accuracy** | ±0.1% | | **Response Time** | ≤ 0.5 seconds (0 – 90%) | | **Isolation** | 3-way isolation (input to output to power) | | **Mounting** | DIN Rail (Ultra-slim 5.9 mm width) | | **Certifications** | UL/cUL listed, CE marking | --- ### 2. Key Electronic Components & Design The device is engineered for high-density installations where space is a premium. Its electronic architecture focuses on three main areas: #### A. Galvanic Isolation The "R" in the model name typically signifies high-reliability isolation. It uses internal **transformer isolation** to separate the input circuit from the output and power supply. This prevents "ground loops" and protects sensitive PLC/DCS inputs from high-voltage surges or electrical noise originating from field sensors. #### B. Power Management Unlike purely passive isolators, this model requires a **24V DC power supply**. * **Energy Efficiency:** Designed with low power consumption to prevent heat buildup in tight DIN rail banks. * **Reverse Polarity Protection:** Internal diodes protect the circuitry if the DC power leads are connected backward. #### C. Signal Conditioning Circuitry * **Operational Amplifiers (Op-Amps):** High-precision, low-drift op-amps are used to ensure the 4-20mA signal is replicated with 0.1% accuracy. * **Zero/Span Adjustments:** Accessible via the front panel, allowing users to fine-tune the minimum (4mA) and maximum (20mA) points to compensate for line resistance. --- ### 3. Terminal Connection Mapping The M6DPS2 series uses a specific terminal layout for easy wiring: 1. **Terminals 1 & 2:** Power Supply Input (24V DC). 2. **Terminals 3 & 4:** Output Signal (4-20mA). 3. **Terminals 5 & 6:** Input Signal (4-20mA from source). --- ### 4. Environmental & Safety Features The **/UL** suffix indicates that the electronic components and housing meet strict North American safety standards: * **Flame Retardant Housing:** Typically UL94V-0 rated plastic. * **Dielectric Strength:** Capable of withstanding 2000V AC for one minute between terminals. * **Operating Temperature:** Generally rated for -20°C to +55°C.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the M6DPS2 and the M6SN series?
    • ⤷ How do I calibrate the Zero and Span on this specific model?
    • ⤷ Can this isolator be used with a 2-wire transmitter without an external power supply?