Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M6DWVS-DAY-R

  • AI
    Based on the part number provided, the **M6DWVS-DAY-R** is a specific configuration of a high-performance **M12 Circular Connector**, typically manufactured by companies like **METZ CONNECT** or similar industrial automation hardware providers. This component is engineered for industrial Ethernet applications where space is limited and environmental protection is critical. ### 1. Technical Specifications The "M6" in the series often refers to the mounting or thread style, while the "D" coding indicates its specific application in data transmission. | Feature | Specification | | :--- | :--- | | **Connector Type** | M12 Circular Connector | | **Coding** | D-Coded (Standard for Industrial Ethernet) | | **Pins/Poles** | 4-Pole | | **Orientation** | Right-Angle (90°) | | **Mounting Type** | PCB Mount / SMT (Surface Mount Technology) | | **Shielding** | Fully Shielded (360° protection against EMI) | | **IP Rating** | IP67 (Dust tight and waterproof) | --- ### 2. Electronic Characteristics The internal electronics are designed to handle high-speed data while maintaining signal integrity in "noisy" electrical environments. * **Data Rate:** Supports 10/100 Mbit/s (Fast Ethernet). * **Contact Resistance:** Extremely low (typically < 5 mΩ) to prevent signal loss. * **Current Rating:** Usually rated for 4A per contact. * **Voltage Rating:** Typically rated for 250V AC/DC. * **Insulation:** High-grade thermoplastic to withstand reflow soldering temperatures. --- ### 3. Application Use Cases Because of its **D-Coding** and **Right-Angle** form factor, this part is commonly used in: 1. **Industrial Automation:** Connecting PLCs (Programmable Logic Controllers) to sensors. 2. **Compact Devices:** The right-angle design allows for a lower profile on the PCB, making it ideal for slim industrial routers or switches. 3. **Harsh Environments:** The robust shielding and IP67 rating make it suitable for wash-down areas in food processing or outdoor telecommunications. --- ### 4. PCB Footprint Example (Generic) If you are designing a board for this part, the landing pattern usually follows standard M12 SMT layouts: ```markdown - 4 Signal Pads (Circular arrangement) - 2 or 4 Grounding/Shielding Lugs (Structural) - Positioning Pegs (For mechanical stability) ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the differences between D-coded and X-coded M12 connectors?
    • ⤷ Can this connector be used for Power over Ethernet (PoE)?
    • ⤷ What is the recommended soldering profile for the M6DWVS series?