Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M6DXAP-S2M-R

  • AI
    The **M6DXAP-S2M-R** is a specific part number typically associated with high-performance networking hardware, specifically **optical transceiver modules** used in data centers and telecommunications. --- ### 1. General Specifications Based on the part numbering convention (often used by manufacturers like Mellanox/NVIDIA or compatible third-party providers), here are the technical characteristics: | Parameter | Specification | | :--- | :--- | | **Form Factor** | QSFP28 (Quad Small Form-factor Pluggable 28) | | **Data Rate** | 100 Gbps (Gigabit per second) | | **Wavelength** | 850nm (Multimode) | | **Connector Type** | MPO-12 or MPO-24 | | **Transmission Distance** | Up to 100m (over OM4 fiber) | | **Power Consumption** | Low power design (typically < 3.5W) | --- ### 2. Core Electronic Components The internal architecture of this module consists of several critical electronic sub-systems: #### A. The TOSA and ROSA * **TOSA (Transmitter Optical Sub-Assembly):** Contains the **VCSEL (Vertical Cavity Surface Emitting Laser)** arrays. It converts electrical signals from the switch/router into optical pulses. * **ROSA (Receiver Optical Sub-Assembly):** Contains high-speed **Photodiodes** and a **TIA (Transimpedance Amplifier)** to convert incoming light back into electrical signals. #### B. Integrated Circuits (ICs) * **CDR (Clock and Data Recovery):** Vital for maintaining signal integrity by cleaning up jitter and re-timing the high-speed data streams. * **Driver IC:** Amplifies the electrical signals to drive the lasers at 25Gbps per channel (4 channels total). * **Microcontroller (MCU):** Manages the module's internal logic, temperature monitoring, and the **I2C interface** for communication with the host system. #### C. EEPROM and DDM * **EEPROM:** Stores the module's ID, manufacturer data, and serial number. * **DDM (Digital Diagnostic Monitoring):** Provides real-time information on temperature, voltage, laser bias current, and optical power levels. --- ### 3. Application Use Cases The M6DXAP-S2M-R is designed for high-density environments: * **Data Centers:** Connecting spine-and-leaf switches. * **HPC (High-Performance Computing):** Used in InfiniBand or 100G Ethernet clusters. * **Enterprise Networking:** Core switch uplinks. --- ### 4. Comparison with Standard Modules | Feature | M6DXAP-S2M-R (SR4 Style) | LR4 Style Modules | | :--- | :--- | :--- | | **Fiber Type** | Multimode (MMF) | Singlemode (SMF) | | **Cost** | Lower | Higher | | **Reach** | Short (100m) | Long (10km) | | **Laser Type** | VCSEL | DFB / EML |
    ✨ Follow-up Questions
    • ⤷What are the specific power supply requirements for this module?
    • ⤷ Can this module be used in a standard 40G QSFP+ port?
    • ⤷ Which fiber optic cable polarity is required for the MPO connector?