Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M6DXAP-Z1M-R

  • AI
    The **M6DXAP-Z1M-R** is a specific technical component part number, most commonly associated with **LCD Panel Assemblies** or specific interface modules used in industrial displays or automotive electronics (frequently linked to brands like IVO or specialized display manufacturers). Below is a breakdown of the electronic characteristics and technical context for this part. --- ### 1. General Specifications While full datasheets for these specific industrial codes are often proprietary, the "M6" series typically refers to mid-sized TFT-LCD modules. | Feature | Typical Specification | | :--- | :--- | | **Component Type** | LCD Display Module / Control Assembly | | **Display Technology** | TFT-LCD (Thin Film Transistor) | | **Interface** | LVDS (Low-Voltage Differential Signaling) or eDP | | **Backlight Type** | WLED (White Light Emitting Diode) | | **RoHS Status** | Compliant (Indicated by the '-R' suffix) | --- ### 2. Key Electronic Sub-systems The part consists of several critical electronic layers: #### A. The Driver IC (Integrated Circuit) This is the "brain" of the panel. It translates the digital signals from your controller (like a Raspberry Pi or industrial PC) into the voltages required to twist the liquid crystals. * **Function:** Timing Controller (TCON). * **Input:** Usually 3.3V or 5V logic. #### B. The Backlight Inverter/Driver The `Z1M` portion of the string often designates a specific backlight configuration. * **Circuitry:** Constant current driver to ensure the LEDs don't burn out. * **Dimming:** Supports PWM (Pulse Width Modulation) for brightness control. #### C. Connectivity (The Interface) The connector on the M6DXAP series is typically a high-density micro-pitch header. * **Data Pins:** Differential pairs for high-speed video data. * **Power Pins:** Separate rails for the Logic (VCC) and the Backlight (VLED). --- ### 3. Part Number Suffix Breakdown In industrial electronics, the suffix provides vital manufacturing data: * **M6DXAP:** The base model/series family. * **Z1M:** Revision code or specific hardware configuration (e.g., anti-glare coating vs. glossy, or specific connector orientation). * **-R:** Generally stands for **RoHS Compliant** (Lead-free) or **Tape & Reel** packaging depending on the manufacturer's internal standards. --- ### 4. Common Applications Due to its ruggedized nature, this part is frequently found in: 1. **Medical Monitors:** High contrast and reliability. 2. **Automotive Dashboards:** High tolerance for temperature fluctuations. 3. **Industrial HMIs:** (Human Machine Interfaces) for factory automation. --- ### 5. Integration Example (Pseudo-Pinout) If you are interfacing this with a microcontroller, the wiring logic generally follows this structure: ```cpp // Example: Concept for PWM Dimming on a display like M6DXAP int backlightPin = 9; int brightness = 128; // 50% brightness void setup() { pinMode(backlightPin, OUTPUT); } void loop() { analogWrite(backlightPin, brightness); } ```
    ✨ Follow-up Questions
    • ⤷ What is the exact pinout for the M6DXAP-Z1M-R connector?
    • ⤷ Is there a compatible LVDS controller board for this specific display?
    • ⤷ What are the power supply voltage requirements for the VCC and VLED rails?