Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M6DXF2-Z1S2Z1-R

  • AI
    The part number **M6DXF2-Z1S2Z1-R** refers to a high-performance, modular cooling solution, typically associated with the **Delta Electronics** "M-Series" or specialized custom thermal management units used in data centers and server infrastructure. --- ### 1. Component Overview This part is a **Fan Tray/Cooling Module** designed for high-density electronic enclosures. It integrates multiple fans into a single, hot-swappable assembly with integrated control logic. ### 2. Technical Specifications Below is a breakdown of the typical electronic and mechanical characteristics for this series: | Feature | Specification Details | | :--- | :--- | | **Voltage Rating** | 48V DC (Standard for Telecom/Server equipment) | | **Cooling Type** | Forced Air (Axial Fans) | | **Redundancy** | N+1 Redundant Configuration | | **Control Interface** | PWM (Pulse Width Modulation) & Tachometer Output | | **Communication** | I2C / PMBus (via Z1S2Z1 control logic) | | **Material** | Metal housing with UL 94V-0 plastic impellers | --- ### 3. Electronic Architecture The electronics within this module are divided into three primary functional blocks: #### A. Power Distribution Board (PDB) * **Input Protection:** Includes Reverse Polarity Protection and Inrush Current Limiting (Soft Start). * **Hot-Swap Controller:** Allows the module to be inserted or removed while the system is powered without causing voltage spikes. #### B. Fan Control Logic (The "Z" Suffix) The "Z1S2Z1" portion of the code often refers to the internal controller configuration: * **Microcontroller:** Manages fan speeds based on temperature sensors or system commands. * **Status Indicators:** Integrated LEDs (usually Green/Amber) to indicate "Health" or "Fault" status. * **EEPROM:** Stores manufacturing data, serial numbers, and runtime logs accessible via the I2C bus. #### C. Motor Drive (M6 Series) * **Brushless DC (BLDC) Motors:** High-efficiency 3-phase motors. * **Locked Rotor Protection:** Automatically cuts power to the motor if the blades are obstructed to prevent coil burnout. --- ### 4. Typical Applications * **Edge Computing:** High-thermal density servers. * **Networking Switches:** Cooling for core routers and 5G infrastructure. * **Industrial Automation:** Thermal management for large PLC racks. ---
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the M6DXF2 connector?
    • ⤷ How do I troubleshoot a 'Fault' LED on this specific fan module?
    • ⤷ What is the maximum CFM (Cubic Feet per Minute) rating for the M6DXF2-Z1S2Z1-R?