Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M6DXR-4Z1-R

  • AI
    The **M6DXR-4Z1-R** is a specific part number belonging to a series of industrial-grade signal conditioners and isolation amplifiers manufactured by **M-System (now MG CO., LTD.)**. These devices are designed to convert, isolate, and transmit electrical signals in automation and process control environments. --- ### 1. Key Technical Specifications The "M6D" series is characterized by its ultra-slim profile (5.9 mm width) and high-density mounting capabilities. | Feature | Specification | |:--- |:--- | | **Model Type** | M6DXR (Universal Input/Output Signal Conditioner) | | **Input Type** | Configurable (DC Voltage or Current) | | **Output Type** | Configurable (DC Voltage or Current) | | **Power Input** | 24V DC | | **Isolation** | 3-way isolation (Input to Output to Power) | | **Housing Width** | 5.9 mm (0.23 inches) | | **Mounting** | DIN Rail or Power Bus Bridge | --- ### 2. Breakdown of the Part Number The suffix codes (4Z1-R) define the specific configuration and calibration of the electronic components inside: * **4:** Refers to the specific output range (typically a standard DC signal like 4-20mA or 1-5V). * **Z1:** Indicates the input configuration or a specialized function (often programmable or field-configurable via DIP switches or a PC). * **R:** Specifies the power supply voltage, which for this series is usually **24V DC**. --- ### 3. Core Electronic Components Internally, the M6DXR-4Z1-R consists of several critical stages to ensure signal integrity: 1. **Input Conditioning Stage:** Uses high-precision resistors and operational amplifiers (Op-Amps) to scale the incoming sensor signal. 2. **Galvanic Isolation:** Uses an optical or magnetic isolator to prevent electrical noise and ground loops from traveling between the field sensors and the PLC/Control system. 3. **A/D and D/A Conversion:** Modern M6D units often use a microprocessor to digitize the signal, apply linear compensation, and then convert it back to an analog output. 4. **Power Management:** A DC-DC converter provides regulated power to the isolated stages while maintaining the 3-way isolation. --- ### 4. Application Use Cases * **Signal Conversion:** Converting a 0-10V sensor signal into a 4-20mA signal for long-distance transmission. * **Ground Loop Elimination:** Breaking the electrical path between two grounded points that might otherwise cause signal interference. * **Space Optimization:** Used in control cabinets where rail space is limited, allowing for high-density signal processing.
    ✨ Follow-up Questions
    • ⤷ How do you configure the DIP switches for different input ranges on this model?
    • ⤷ What is the maximum isolation voltage rating for the M6D series?
    • ⤷ Does the M6DXR-4Z1-R require a separate power bus connector for DIN rail mounting?