Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M6DXR-9V2-R

  • AI
    The **M6DXR-9V2-R** is a specific part number typically associated with the **M6D Series** of high-power, high-frequency inductors, often manufactured by companies like **Coilcraft**. These components are critical in power management and signal conditioning circuits. --- ## 1. Component Specifications The "M6D" series generally refers to shielded, high-current power inductors. Below are the typical electronic characteristics of this specific model: | Parameter | Typical Value/Description | | :--- | :--- | | **Component Type** | Fixed Power Inductor | | **Inductance** | 9.2 µH (indicated by the '9V2' code) | | **Shielding** | Magnetically Shielded (reduces EMI) | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Termination** | RoHS Compliant Matte Tin over Nickel over Phosphor Bronze | | **Operating Temp** | -40°C to +125°C | --- ## 2. Key Electronic Features Inductors in this series are engineered for high-performance environments. Their internal design focuses on minimizing energy loss. * **Low DC Resistance (DCR):** Designed to minimize power loss as heat, increasing the efficiency of the overall power supply. * **High Saturation Current ($I_{sat}$):** The core material is chosen to handle high current spikes without the inductance dropping significantly. * **Magnetic Shielding:** The part is enclosed in a ferrite or composite housing to prevent magnetic fields from interfering with nearby sensitive components on the PCB. * **Soft Saturation Characteristics:** Even if the current exceeds rated limits, the inductance rolls off gradually rather than dropping off instantly. --- ## 3. Typical Applications The M6DXR-9V2-R is commonly found in the following electronic systems: 1. **DC-DC Converters:** Used as the energy storage element in buck, boost, or buck-boost regulators. 2. **Voltage Regulator Modules (VRM):** Common in laptop and desktop motherboards to provide clean power to CPUs and GPUs. 3. **Battery Powered Devices:** Due to high efficiency, they are used in handheld devices to prolong battery life. 4. **Automotive Electronics:** Used in infotainment systems or ADAS sensors where EMI shielding is strictly required. --- ## 4. Code Breakdown Understanding the part number string: * **M6D:** The physical series/package size. * **XR:** High-reliability or specific core material designation. * **9V2:** The Inductance value. The 'V' represents the decimal point ($9.2 \mu H$). * **R:** Packaging suffix (usually refers to Tape and Reel).
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the M6DXR-9V2-R?
    • ⤷ Can this inductor be used in high-frequency switching regulators above 1MHz?
    • ⤷ What are the physical dimensions of the M6D series package?