Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M6NWVS-DAY-R

  • AI
    The **M6NWVS-DAY-R** is a specific model of a **Network Vandal Dome Camera** typically manufactured by Sony (part of the SNC-VM6 series). This device is a high-performance security camera designed for outdoor surveillance. Below is an explanation of its internal electronic components and technical specifications. --- ### 1. Image Sensing and Processing The core electronics responsible for capturing visual data: | Component | Specification | Function | | :--- | :--- | :--- | | **Image Sensor** | 1/2.9-type progressive scan Exmor CMOS | Converts light into electronic signals with high sensitivity. | | **Processor** | IPELA ENGINE EX | Sony's proprietary DSP (Digital Signal Processor) for noise reduction and image stabilization. | | **Effective Pixels** | Approx. 2.14 Megapixels | Provides 1080p Full HD resolution. | ### 2. Optical and Electromechanical Parts These parts manage how light enters the sensor and how the camera adjusts its view: * **View-DR Technology:** An electronic circuit process that combines multiple images at different exposure times to achieve a wide dynamic range (up to 90 dB). * **IR Cut Filter:** A mechanical/electronic "Day/Night" filter that shifts to allow infrared light at night and block it during the day for accurate color reproduction. * **Motorized Zoom/Focus:** Allows the user to electronically adjust the focal length (typically 3.0 mm to 9.0 mm) via the network interface. ### 3. Connectivity and Power Electronics The backend electronics manage data transmission and power intake: * **Ethernet Port (RJ-45):** Supports 10BASE-T/100BASE-TX. * **PoE (Power over Ethernet):** The internal power supply unit (PSU) is designed to draw power directly from the data cable (IEEE 802.3af compliant). * **On-board Storage:** Includes an SD card slot for local edge storage. * **I/O Interfaces:** Includes mini-jacks for audio input/output and sensing terminals for alarm triggers. ### 4. Environmental and Protective Electronics Since this is a "Vandal" (V) and "Outdoor" (W) rated unit, it includes: * **Heater/Ventilator:** Internal circuitry to regulate temperature, allowing the camera to operate in temperatures as low as -40°C. * **IK10 Rated Housing:** Electronic components are shielded by a high-impact resistant dome. * **IP66 Rating:** Sealed connectors to prevent water and dust ingress. --- ### Technical Summary Table | Feature | Description | | :--- | :--- | | **Resolution** | 1920 x 1080 | | **Compression Formats** | H.264 (High/Main/Baseline Profile), JPEG | | **Frame Rate** | Up to 60 fps | | **Minimum Illumination** | Color: 0.1 lx, B/W: 0.07 lx |
    ✨ Follow-up Questions
    • ⤷ How does the View-DR technology handle high-contrast lighting?
    • ⤷ What are the power consumption requirements for this camera when the heater is active?
    • ⤷ Is this camera compatible with standard ONVIF profiles?