Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M6SDY-A-R

  • AI
    Based on electronic component specifications, the part number **M6SDY-A-R** typically refers to a specialized **M6 series industrial-grade connector or hardware assembly**, often associated with shielding, grounding, or mechanical interfacing in electronic enclosures. Below is a detailed breakdown of its electronic and mechanical characteristics: ## 1. Component Overview The M6SDY-A-R is generally categorized as an **interconnect component**. The "M6" indicates the metric thread size, while the suffix codes define the plating, orientation, and environmental compliance. ### Technical Specifications | Feature | Description | | :--- | :--- | | **Thread Type** | M6 (Metric 6mm) | | **Material** | Stainless Steel or Zinc-plated Steel (Lead-Free) | | **Conductivity** | High (Optimized for grounding/earthing) | | **RoHS Status** | Compliant (Indicated by the '-R' suffix) | | **Mounting Type** | SMT (Surface Mount) or Thru-hole depending on PCB pads | --- ## 2. Key Electronic Functions While often appearing as a mechanical piece, this part serves critical electronic roles in a circuit: ### A. Grounding and Earthing In high-frequency or high-power electronics, the M6SDY-A-R acts as a **Grounding Post**. It provides a low-impedance path between the Printed Circuit Board (PCB) and the metal chassis to prevent Electrostatic Discharge (ESD) from damaging sensitive ICs. ### B. EMI/RFI Shielding By securing metal shields or enclosures to the board, this part helps minimize Electromagnetic Interference (EMI). It ensures that the Faraday cage around the components remains intact and electrically continuous. ### C. Mechanical Stability for Power Inputs Because M6 is a relatively large thread size, these parts are frequently used as **Power Terminals**. They can support heavy-gauge wire lugs for high-current applications (e.g., power supplies, automotive electronics, or industrial controllers). --- ## 3. Nomenclature Breakdown The part number can be decoded as follows: 1. **M6**: The metric diameter of the screw/bolt interface (6mm). 2. **SDY**: Series identifier (often referring to a specific manufacturer's design for "Solderable" or "SMD" standoff). 3. **A**: Orientation or Plating code (typically "A" refers to a specific finish like Tin or Clear Zinc). 4. **-R**: RoHS Compliant (Lead-free). --- ## 4. Application Areas * **Industrial Automation:** Used in PLC housings for grounding. * **Telecommunications:** Securing server blades to racks while maintaining electrical commonality. * **Renewable Energy:** Terminal points in solar inverters or battery management systems (BMS).
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for M6 size PCB terminals?
    • ⤷ How does SMT mounting for M6 parts compare to through-hole in terms of mechanical strength?
    • ⤷ Which manufacturers typically produce the M6SDY series?