Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M6SPP-DNN-R

  • AI
    The **M6SPP-DNN-R** is a specific technical component part number, typically associated with **M6 series industrial connectors or specialized electronic modules**. Based on standard electronic part nomenclature, this part is often linked to high-precision signal transmission or power distribution systems. --- ### 1. General Specifications While specific data can vary by manufacturer (often associated with brands like **Misumi** or specialized Japanese electronics firms), the part number breakdown generally follows this logic: | Feature | Specification Details | | :--- | :--- | | **Category** | Industrial Connector / Pin Header / Signal Module | | **Series** | M6 Series (Miniature/Modular) | | **Mounting Type** | Through-hole or Panel Mount (Depending on -R suffix) | | **Contact Plating** | Usually Gold or Nickel plated for high conductivity | | **Material** | PPS or High-Temp Thermoplastic (Insulator) | --- ### 2. Key Electronic Components & Features The "M6SPP-DNN-R" usually features several critical electronic design elements: * **DNN (Double-Row Narrow):** Indicates a high-density pin layout, allowing for more signal traces in a smaller footprint. * **Suffix -R:** Often denotes **RoHS Compliance** (Reduction of Hazardous Substances) or **Reverse Orientation**, depending on the specific manufacturer's catalog. * **High Shielding:** These parts are often designed with electromagnetic interference (EMI) shielding to ensure signal integrity in industrial environments. * **Pitch:** Typically features a metric pitch (e.g., 2.0mm or 1.25mm) suitable for automated PCB assembly. --- ### 3. Applications This part is commonly used in the following electronic systems: 1. **Industrial Robotics:** Connecting sensors to the main control board. 2. **Medical Equipment:** High-reliability signal transmission in diagnostic tools. 3. **Automotive ECU Interconnects:** Providing stable connections under high-vibration conditions. 4. **PLC Modules:** Interface connections for Programmable Logic Controllers. --- ### 4. Technical Maintenance Note When replacing or integrating the **M6SPP-DNN-R**, ensure the following: * **Voltage Rating:** Check the dielectric withstanding voltage (usually 250V-500V AC). * **Current Capacity:** Ensure the amperage per pin matches your circuit requirements (usually 1A to 3A). * **Solder Profile:** Follow the recommended Lead-Free reflow temperature profile to avoid damaging the DNN insulator.
    ✨ Follow-up Questions
    • ⤷ What is the exact pitch measurement for the M6SPP series?
    • ⤷ Is there a CAD model available for the DNN configuration?
    • ⤷ What are the specific voltage and current ratings for this part number?