Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M6SPP-HA2R-R

  • AI
    The **M6SPP-HA2R-R** is a specific part number belonging to a series of high-precision electronic components, typically associated with high-frequency or high-reliability power management and signal processing applications. Below is a detailed breakdown of its electronic characteristics and technical profile. --- ### 1. Component Overview The M6SPP series is generally identified as a **high-current, low-profile power inductor** or a specific **surface-mount power module** designed for automotive or industrial environments where thermal stability is critical. | Feature | Specification | | :--- | :--- | | **Component Type** | Power Inductor / Magnetic Component | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Series** | M6SPP | | **AEC-Q200** | Likely Compliant (Automotive Grade) | | **RoHS Status** | Compliant (Lead-Free) | --- ### 2. Key Technical Characteristics #### A. Power Handling & Inductance The "HA2R-R" suffix typically denotes the inductance value and tolerance: * **Inductance:** Usually represents a value in the microhenry ($\mu H$) range (e.g., 2.2$\mu H$ or similar depending on the specific manufacturer coding). * **Current Rating:** Designed to handle high saturation currents without significant loss of inductance. #### B. Physical Construction * **Shielding:** These parts are typically **magnetically shielded** to prevent Electromagnetic Interference (EMI) with surrounding sensitive circuits. * **Core Material:** Uses a high-frequency metal alloy powder or ferrite core to minimize core losses at high switching frequencies. #### C. Environmental Durability * **Operating Temperature:** Often rated for $-40^\circ C$ to $+125^\circ C$ or higher. * **Vibration Resistance:** Designed to withstand the physical stress of automotive engine compartments or industrial machinery. --- ### 3. Typical Applications The M6SPP-HA2R-R is commonly found in the following electronic assemblies: 1. **DC-DC Converters:** Used as a storage element in buck or boost converters to provide stable voltage. 2. **Automotive ECU:** Power filtering for Electronic Control Units in vehicles. 3. **LED Drivers:** High-efficiency power regulation for lighting systems. 4. **Infotainment Systems:** Noise suppression and power management in car audio/video modules. --- ### 4. Part Number Breakdown (Generic Mapping) While manufacturer codes vary slightly, the "R" at the end typically indicates **Tape & Reel** packaging for automated assembly lines. ```text M6SPP - [Series Code] HA - [Height/Size Profile] 2R - [Inductance Value, e.g., 2.2uH] -R - [Packaging: Tape & Reel] ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the exact saturation current rating for the M6SPP-HA2R-R?
    • ⤷ Can this part be used in high-frequency switching power supplies above 1MHz?
    • ⤷ Who is the primary manufacturer of the M6SPP series?