Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M6SWVS-35-R

  • AI
    The **M6SWVS-35-R** is a specific part number typically associated with professional-grade video switching and distribution hardware, often utilized in high-density rack-mount environments. Below is a breakdown of its technical characteristics and internal electronic components. --- ### 1. Part Identification & Purpose This component is generally a **Video Matrix Switcher Card** or a specialized **Interface Module**. It is designed to route multiple high-definition video signals (such as 3G-SDI, HDMI, or VGA converted to digital) to various outputs without signal loss or latency. ### 2. Core Electronic Subsystems The board consists of several critical layers of electronic architecture: | Component Category | Description | Primary Function | |:---|:---|:---| | **Crosspoint Switch IC** | High-speed CMOS/BiCMOS integrated circuit. | The "brain" that physically routes Input A to Output B. | | **Reclocking Circuitry** | CDR (Clock and Data Recovery) chips. | Removes jitter from incoming digital video streams to ensure signal integrity over long distances. | | **FPGA / Microcontroller** | Field-Programmable Gate Array. | Manages the logic, communication protocols (RS-232/Ethernet), and switching commands. | | **Line Drivers** | Differential signaling amplifiers. | Boosts the signal strength for the output stage to drive copper or fiber lines. | | **Voltage Regulators** | DC-to-DC converters (LDOs). | Converts the rack power (usually 12V or 5V) to the precise low voltages (1.2V, 1.8V, 3.3V) required by the ICs. | --- ### 3. Technical Specifications While specific to certain manufacturers (like Sierra Video or similar broadcast brands), the "35-R" suffix often indicates specific capacity or revision details: * **Signal Support:** Multi-rate SDI (SMPTE standards) or high-bandwidth analog. * **Impedance:** 75 Ohms (standard for broadcast video). * **Connector Type:** Typically BNC or high-density multi-pin headers for backplane integration. * **Thermal Management:** Passive heat sinks on the main crosspoint chips due to high-frequency switching heat. ### 4. Typical Internal Layout (Block Diagram) ```mermaid graph LR Input[Video Inputs] --> EQ[Equalizer IC] EQ --> Reclock[Reclocker] Reclock --> XPoint[Crosspoint Matrix] XPoint --> Driver[Output Line Driver] Driver --> Output[Video Outputs] MCU[Controller/FPGA] --- XPoint ``` --- ### 5. Common Maintenance Points 1. **Electrolytic Capacitors:** In older revisions, these may bulge or leak, leading to synchronization issues. 2. **Gold-Plated Contacts:** The edge connector (where it slides into the rack) requires cleaning with Isopropyl Alcohol to ensure low-resistance data transfer. 3. **Firmware EPROM:** Contains the instruction set for the FPGA; if corrupted, the card will fail to initialize on the control network.
    ✨ Follow-up Questions
    • ⤷What is the specific manufacturer for the M6SWVS-35-R?
    • ⤷ How do I troubleshoot a 'Signal Not Detected' error on this module?
    • ⤷ Are there compatible alternative cards for this specific matrix switcher?