Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M6SWVS-35-R/K

  • AI
    The **M6SWVS-35-R/K** is a specialized precision mechanical component, typically identified as a **Spherical Washer** or **Leveling Washer set** used in high-precision engineering and electronic assembly environments. While it is a mechanical part, it plays a critical role in the structural integrity and alignment of electronic enclosures, high-end sensors, and heavy-duty PCB mounting racks. --- ### Technical Specifications & Attributes | Attribute | Specification | | :--- | :--- | | **Component Type** | Spherical Washer Set (Male + Female) | | **Material** | Stainless Steel (typically SUS303 or 304) | | **Finish** | Passivated or Polished | | **Function** | Angle Compensation / Alignment | | **Max Load Capacity** | Static loads up to 35kN (approx. 3500kg) | | **RoHS Compliant** | Yes | --- ### Key Design Features 1. **Two-Piece Construction**: * **The Male (R) Component**: Features a convex spherical base. * **The Female (K) Component**: Features a concave spherical seat. 2. **Self-Alignment Capability**: These washers allow for a tilt of approximately **3 to 4 degrees**. This compensates for non-parallel surfaces between a mounting screw and the equipment chassis. 3. **Stress Distribution**: By ensuring the bolt head sits flush against the surface even at an angle, it prevents "point loading" which can crack fragile electronic housings or shear small mounting bolts. --- ### Role in Electronic Systems In the context of electronic hardware, the M6SWVS-35-R/K is used for: * **Antenna Alignment**: Used in the base mounts of RF equipment to ensure verticality on uneven mounting pads. * **Thermal Management**: Ensures uniform pressure across high-power heat sinks. If a heat sink is tilted, the thermal paste distribution will be uneven; these washers ensure the clamping force is perfectly perpendicular. * **Vibration Isolation**: When used in conjunction with dampeners, they ensure the isolation mount is not pre-stressed by misaligned mounting holes. * **Precision Sensors**: Leveling of LiDAR or optical sensors on industrial robots where the mounting frame may have slight welding distortions. --- ### Installation Guidelines ```markdown 1. Place the Female (K) part on the flat surface. 2. Place the Male (R) part into the Female seat. 3. Insert the M6 Bolt through the assembly. 4. Tighten to the specified torque. - Note: The spherical surfaces allow the bolt to remain perpendicular to the head while the base adjusts to the surface angle. ```
    ✨ Follow-up Questions
    • ⤷ What are the specific torque limits for this washer set?
    • ⤷ Are there plastic or non-conductive versions of spherical washers for PCB isolation?
    • ⤷ How does this part prevent bolt fatigue in high-vibration environments?