Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M6SWVS-36-R/UL

  • AI
    The **M6SWVS-36-R/UL** is a specialized high-power sliding switch typically manufactured by companies like **CW Industries**. This component is designed for industrial, appliance, and heavy-duty electronics where high voltage and current ratings are required. --- ### 1. Technical Specifications The part number indicates specific characteristics regarding its build and electrical capabilities: | Feature | Specification | | :--- | :--- | | **Switch Type** | Slide Switch | | **Circuitry** | SPST (Single Pole Single Throw) or SPDT (Single Pole Double Throw) *| | **Current Rating** | High Amperage (Typically 13A to 16A) | | **Voltage Rating** | 125V / 250V AC | | **Certifications** | UL Recognized (Underwriters Laboratories) | | **Actuator Style** | Vertical Slide | | **Mounting Type** | Panel Mount (typically via screws) | *\*Note: Specific pole configuration can vary based on the sub-series, but the '36' often refers to the mechanical mounting frame size.* --- ### 2. Breakdown of the Part Number * **M6:** Refers to the series designator, often indicating the physical frame size and heavy-duty build. * **SW:** Stands for **Switch**. * **VS:** Indicates **Vertical Slide**, referring to the orientation of the actuator relative to the mounting surface. * **36:** Internal code for contact material or physical dimensions (often 36mm spacing or specific terminal types). * **R:** Usually indicates **RoHS Compliance** (Restriction of Hazardous Substances). * **UL:** Indicates that the component is **UL Recognized**, meaning it meets safety standards for use in the US and Canada. --- ### 3. Physical Construction The electronic parts within this assembly include: * **Contacts:** Usually made of silver-plated copper or copper alloy to minimize resistance and heat during high current flow. * **Terminals:** Typically **0.250" Quick Connect (Solder/Plug)** tabs, allowing for easy wiring without specialized PCBs. * **Housing:** Made of high-temperature thermoplastic (Phenolic or Nylon) to prevent melting during electrical arcing or heavy loads. * **Internal Spring:** A detent mechanism that provides the "snap" feel, ensuring the contacts are either fully open or fully closed to prevent arcing. --- ### 4. Common Applications Due to its UL rating and high current capacity, this switch is found in: 1. **Industrial Equipment:** Power supply selectors or main power toggles. 2. **Home Appliances:** High-heat hair dryers, space heaters, and kitchen appliances. 3. **Consumer Electronics:** Large power tools and vacuum cleaners. ---
    ✨ Follow-up Questions
    • ⤷ What are the exact physical dimensions for the panel cutout of the M6SWVS-36-R/UL?
    • ⤷ Does this switch come in a 'Momentary' configuration or only 'Maintained'?
    • ⤷ What is the maximum operating temperature for the thermoplastic housing?