Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M6SWVS-3D-R

  • AI
    The **M6SWVS-3D-R** is a specific technical configuration for a motorized zoom lens system, typically used in high-precision industrial inspection, microscopy, and machine vision applications. This model is part of the **Navitar Zoom 6000** series, which is known for its modular design. Below is a breakdown of the electronic and electromechanical components of this system: ### 1. Core Component Breakdown The part number signifies a motorized zoom assembly with integrated sensors. | Component Type | Description | | :--- | :--- | | **Motorized Zoom** | DC or Stepper motors drive the internal lens elements to change magnification without manual adjustment. | | **Hall Effect Sensors** | Used for "homing" and positioning. They detect the magnetic field to ensure the lens knows its exact zoom start point. | | **Encoder (Optional)** | Depending on the specific sub-configuration, it may include an optical encoder for closed-loop feedback. | | **Wiring Interface** | Typically uses a multi-pin Hirose or circular DIN connector to interface with a motor controller. | --- ### 2. Electronic Functionality The electronics within the M6SWVS-3D-R serve three primary purposes: #### A. Motion Control The "M" prefix indicates **Motorized**. The internal motor is usually a 12V or 24V DC gear motor. When voltage is applied, the motor moves the zoom cams. To prevent mechanical damage, limit switches (electronic) are integrated to stop the motor at the wide and telephoto extremes. #### B. The "VS" Feature (Video System) The "VS" indicates the system is optimized for high-resolution sensors. The electronics are designed to maintain a consistent **Parfocal** relationship, meaning the image stays in focus electronically/mechanically as you zoom, reducing the need for constant refocusing via software. #### C. Integration with Controllers These parts do not operate autonomously. They require an external **Motor Controller** (like the Navitar BrightLight or a 2-channel USB controller). * **Input:** RS-232, USB, or TTL signals from a PC. * **Output:** Pulse Width Modulation (PWM) or DC current sent to the M6SWVS-3D-R to actuate movement. --- ### 3. Technical Specifications Table | Feature | Specification (Typical) | | :--- | :--- | | **Motor Type** | DC Servo or Stepper | | **Feedback Type** | Hall Effect / Limit Switches | | **Zoom Ratio** | 6.5:1 | | **Connector** | 12-pin Hirose (standard for Navitar motorized) | | **Operating Voltage** | 12V DC (standard) | --- ### 4. Application Context In an industrial environment, the electronics allow for **automated inspection routines**. A script can tell the lens to move to "Position A" (Low Mag) to find a part, and then "Position B" (High Mag) to inspect a specific solder joint or defect, all without human intervention.
    ✨ Follow-up Questions
    • ⤷What specific motor controller is compatible with the M6SWVS-3D-R?
    • ⤷ How do the Hall Effect sensors improve repeatability in automated inspections?
    • ⤷ Can this lens be integrated into a LabVIEW or Python-based control system?