Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M6SWVS-4WA-R

  • AI
    The **M6SWVS-4WA-R** is a specialized high-performance coaxial switch, typically manufactured by companies like Teledyne Relays (specifically within their Coaxial Switching product lines). This part is designed for RF (Radio Frequency) and microwave applications where signal integrity and low loss are critical. --- ### 1. Key Technical Specifications The "M6" series generally denotes a micro-miniature form factor with high-frequency capabilities. Below are the typical electronic characteristics for this component: | Feature | Specification (Typical) | | :--- | :--- | | **Switch Type** | SP6T (Single Pole, Six Throw) | | **Frequency Range** | DC to 26.5 GHz (can vary by specific sub-model) | | **Impedance** | 50 Ohms | | **Actuator Voltage** | 12V to 28V DC (Standard for 'W' series) | | **Actuation Type** | Normally Open (Failsafe) or Latching | | **Connector Type** | SMA (Female) | --- ### 2. Detailed Component Breakdown #### A. RF Performance (The "M6" Series) The "M6" designation refers to the mechanical and electrical design optimized for high-frequency isolation. - **Insertion Loss:** Extremely low (typically <0.5 dB at high frequencies), ensuring minimal signal degradation. - **Isolation:** High isolation (typically >60 dB) between ports to prevent signal leakage or "crosstalk." - **VSWR:** Low Voltage Standing Wave Ratio, ensuring maximum power transfer. #### B. The "4WA" Suffix Configuration - **4:** Often refers to the specific voltage requirement or a variation in the internal circuit (e.g., 24V-28V operation). - **W:** Generally indicates the inclusion of internal terminations (50-ohm loads) for unused ports, which prevents reflections back into the system. - **A:** Usually designates the type of actuator (e.g., Pulse Latching or Failsafe with indicator circuitry). #### C. Environmental & Mechanical (The "-R" Suffix) - **RoHS Compliance:** The "-R" suffix almost always indicates that the part is **RoHS Compliant**, meaning it is manufactured without hazardous substances like lead. - **Durability:** These switches are rated for millions of cycles due to their precision-engineered internal contacts. --- ### 3. Application Use Cases Because of its SP6T configuration (1 input to 6 possible outputs), it is commonly found in: 1. **Automated Test Equipment (ATE):** Routing a single test signal to six different devices under test (DUT). 2. **Telecommunications:** Switching between different antennas or frequency bands in a base station. 3. **Satellite Communications:** Redundancy switching where a backup signal path is required. 4. **Laboratory Research:** High-precision RF signal routing. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific power handling capabilities of the M6SWVS-4WA-R at 26.5 GHz?
    • ⤷ How does the 'Normally Open' versus 'Latching' actuator affect power consumption?
    • ⤷ Is there a specific pinout diagram available for the DC control header?