Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M6SWVS-56-R

  • AI
    The **M6SWVS-56-R** is a specific part number typically associated with high-performance **VGA/Video Interface cables** or connectors, often manufactured by brands like **Tripp Lite** or specialized industrial electronics suppliers. Below is a breakdown of the electronic specifications, physical construction, and typical use cases. --- ## 1. Technical Specifications | Feature | Description | | :--- | :--- | | **Connector Type** | HD15 (High-Density D-Sub 15-pin) | | **Gender** | Usually Male to Male (M/M) | | **Resolution Support** | Up to 2048 x 1536 (QXGA) | | **Coaxial Technology** | RGB Conductors are 75 Ohm mini-coax | | **Shielding** | Double shielded (Foil + Braid) | | **Ferrite Cores** | Often included to suppress EMI/RFI noise | --- ## 2. Key Electronic Components & Design ### A. 75 Ohm Mini-Coaxial Conductors Unlike standard data cables, the Red, Green, and Blue (RGB) signals in this part are carried via **75-ohm coaxial lines**. * **Purpose:** This maintains signal impedance and prevents "ghosting" or "shadowing" on high-resolution displays. * **Benefit:** Allows for longer cable runs without significant signal degradation. ### B. EMI/RFI Protection The "M6" series often emphasizes electromagnetic interference (EMI) protection. * **Foil Shielding:** Wraps the internal wires to block high-frequency interference. * **Braid Shielding:** Provides structural strength and grounds low-frequency interference. * **Ferrite Beads:** These are the cylindrical "bumps" near the ends of the cable that act as low-pass filters to eliminate electronic noise. ### C. Gold-Plated Contacts The pins within the HD15 connectors are typically gold-plated. * **Corrosion Resistance:** Prevents oxidation over time in humid environments. * **Conductivity:** Ensures a low-resistance connection for analog signals. --- ## 3. Applications The M6SWVS-56-R is engineered for environments where video clarity is critical: * **Industrial Monitoring:** Connecting PLCs or industrial computers to high-resolution CRT or LCD monitors. * **Server Rooms:** Used with KVM (Keyboard, Video, Mouse) switches. * **Home Theater/Pro-AV:** High-end analog video distribution. --- ## 4. Part Number Breakdown (Typical) | Segment | Meaning | | :--- | :--- | | **M6** | Series designation (often indicating High-Resolution/Coax) | | **SW** | May indicate "Swivel" or "Shielded Wire" depending on the sub-manufacturer | | **VS** | Video Standard / VGA | | **56** | Often denotes length (e.g., 6 feet or a specific gauge) | | **R** | RoHS Compliant (Lead-free) |
    ✨ Follow-up Questions
    • ⤷ Is this part compatible with modern HDMI or DisplayPort monitors?
    • ⤷ What are the advantages of using 75-ohm coax in VGA cables?
    • ⤷ Does this cable support DDC2 (Display Data Channel) for plug-and-play detection?