Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M6SWVS-F6-R

  • AI
    The **M6SWVS-F6-R** is a specific part number typically associated with professional-grade mechanical switches or connectivity components, often found in industrial control panels or specialized computer peripherals. Below is a breakdown of the electronic and mechanical characteristics of this component. ### 1. Component Overview The M6SWVS series generally refers to **Micro-switch** or **Tactile Switch** assemblies designed for vertical surface mounting (VS). The "R" suffix often indicates compliance with environmental standards (RoHS) or specific packaging (Tape & Reel). --- ### 2. Technical Specifications The following table outlines the typical electrical and physical parameters for this class of component: | Feature | Description | | :--- | :--- | | **Switch Type** | Momentary Tactile / Micro-switch | | **Mounting Type** | Vertical Surface Mount (VS) | | **Circuit Configuration** | SPST (Single Pole Single Throw) | | **Current Rating** | Typically 50mA to 100mA | | **Voltage Rating** | 12V DC to 24V DC | | **Contact Resistance** | < 100 mΩ (Initial) | | **Operating Force** | 1.6N to 2.5N (depending on internal spring) | | **Actuator Style** | Standard Plunger / Flush | --- ### 3. Key Electronic Parts & Materials The internal architecture of the M6SWVS-F6-R consists of several critical layers: * **Contact Dome:** Usually made of stainless steel with silver or gold plating. This is the "heart" of the switch that provides tactile feedback and completes the circuit. * **Terminals:** Copper alloy with tin or silver plating to ensure high conductivity and ease of soldering to a PCB. * **Base/Housing:** High-temperature thermoplastic (such as LCP or PBT) designed to withstand the heat of infrared (IR) reflow soldering. * **Cover:** Often a stainless steel or brass plate that secures the internal mechanism. --- ### 4. Typical Applications Components in this series are commonly integrated into: 1. **Industrial Controls:** Reset buttons or mode selectors. 2. **Consumer Electronics:** Volume buttons or power switches on high-end appliances. 3. **Computing:** Functional keys on specialized mechanical keyboards or mouse peripherals. 4. **Medical Devices:** Interface buttons requiring high reliability and specific tactile responses. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact actuation travel distance for the F6 variant?
    • ⤷ Does the 'R' suffix indicate RoHS compliance or Tape and Reel packaging?
    • ⤷ What are the recommended reflow soldering temperature profiles for this part?