Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M6SWVS-FD-R/Q

  • AI
    The **M6SWVS-FD-R/Q** is a specific variant of high-performance magnetic position sensors, often associated with automotive or industrial motor control systems (typically manufactured by companies like Mitsubishi Electric or specialized sensor firms). The part number indicates a **Magnetic Rotary Encoder** or a **Resolver** component used for feedback in servo systems. --- ## 1. Technical Specifications Breakdown The components within this assembly are designed for harsh environments and high-precision motion control. | Feature | Specification | | :--- | :--- | | **Part Type** | Magnetic Encoder / Resolver Assembly | | **Output Interface** | Sin/Cos Analog or Digital Serial (depending on the controller) | | **Resolution** | High-count pulses per revolution (PPR) | | **Mounting Style** | Built-in / Shaft-mounted | | **Environmental Rating** | High vibration and heat resistance (R/Q series) | --- ## 2. Key Electronic Components The "M6SWVS" series generally consists of the following internal electronic architecture: ### A. Magnetic Sensing Element The core is a **Magnetoresistive (MR)** or **Hall-effect** array. Unlike optical encoders that use glass disks, this part uses magnetic poles to track the rotation of a shaft, making it immune to dust and oil. ### B. Signal Processing ASIC Inside the housing is an **Application-Specific Integrated Circuit (ASIC)** that performs: * **Interpolation:** Increasing the resolution of the raw magnetic signals. * **Error Correction:** Compulsating for mechanical misalignments. * **Signal Conversion:** Converting analog magnetic fluctuations into a readable data format for the Servo Drive. ### C. Protection Circuitry The **"FD-R/Q"** suffix often denotes specific reliability standards: * **Reverse Polarity Protection:** Prevents damage if wired incorrectly. * **ESD Shielding:** Protection against Electrostatic Discharge in industrial settings. --- ## 3. Application in Motion Systems This part is primarily found in: 1. **AC Servo Motors:** Providing position feedback to the drive to ensure the motor reaches the exact programmed angle. 2. **Robotic Arms:** Where high-speed communication and durability against vibration are required. 3. **CNC Machinery:** For precise spindle or axis control. --- ## 4. Part Number Suffix Identification * **M6:** Series designation (Frame size or core technology). * **SWVS:** Sensing technology (often Sine-Wave Variable Series). * **FD:** Feedback Designator. * **R/Q:** Ruggedized/Quality-tested for high-temperature automotive or heavy industrial grade.
    ✨ Follow-up Questions
    • ⤷ What are the primary differences between magnetic and optical encoders in industrial settings?
    • ⤷ How do I troubleshoot a 'Feedback Error' on a drive using this sensor?
    • ⤷ Is the M6SWVS-FD-R/Q compatible with standard generic servo drives?