Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M6SXT-2V2-R

  • AI
    The **M6SXT-2V2-R** is a specific part number typically associated with high-performance **surface-mount power inductors**, often manufactured by companies like Coilcraft or similar magnetic component specialists. These components are critical for power management in modern electronics. --- ### 1. Technical Specifications The part number typically breaks down into the following characteristics: | Property | Description | | :--- | :--- | | **Component Type** | Shielded Power Inductor | | **Inductance** | 2.2 µH (Microhenries) | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Core Material** | Composite or Ferrite (depending on specific series) | | **Shielding** | Magnetically Shielded (prevents EMI interference) | --- ### 2. Key Electronic Features #### A. High Current Handling These inductors are designed to handle significant DC currents without saturating. This is vital for DC-DC converters where the inductor must store and release energy efficiently. #### B. Magnetic Shielding The "S" in the series often denotes shielding. This means the magnetic field is contained within the component, which: - Minimizes **Electromagnetic Interference (EMI)** with nearby sensitive circuits. - Allows for high-density PCB layouts where components are placed close together. #### C. Low DCR (DC Resistance) The internal copper windings are designed to have very low resistance. This reduces heat generation and improves the overall power efficiency of the device. --- ### 3. Common Applications The M6SXT-2V2-R is commonly found in the following electronic circuits: 1. **Buck/Boost Converters:** Used in voltage regulation modules (VRMs) for laptops, tablets, and smartphones. 2. **LED Drivers:** Providing stable current to high-brightness LEDs. 3. **Graphic Cards (GPUs):** Handling the high-speed switching power requirements of modern processors. 4. **Automotive Infotainment:** Used in onboard systems due to its robust thermal profile. --- ### 4. PCB Footprint Example In a design environment (like Altium or KiCad), the footprint for this part usually looks like this: ```markdown [PAD 1] ---- [ INDUCTOR BODY ] ---- [PAD 2] | (2.2µH) | --------------------------------------- ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the saturation current rating for the M6SXT-2V2-R?
    • ⤷ How does magnetic shielding improve PCB performance in small devices?
    • ⤷ What are the equivalent alternative parts for this inductor?