Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M7EASDY-2-R/CE

  • AI
    The **M7EASDY-2-R/CE** is a high-performance Digital Temperature Controller and Indicator, part of the M7E series typically manufactured by companies specializing in industrial automation (such as Autonics or similar regional manufacturers). --- ### ## Technical Specifications Overview This component is designed for precise thermal management in industrial environments. Below are the primary electronic characteristics: | Feature | Specification | | :--- | :--- | | **Input Type** | Multi-input (Thermocouples: K, J, R, S, B / RTD: Pt100) | | **Control Method** | PID Control (with Auto-tuning) or ON/OFF | | **Supply Voltage** | 100-240VAC 50/60Hz (Standard) | | **Output Type** | Relay Output (250VAC 3A) or SSR Drive | | **Display Type** | 7-Segment LED (High Visibility) | | **Sampling Cycle** | 100ms - 500ms (Model dependent) | --- ### ### Key Electronic Components & Functions 1. **Microcontroller (MCU):** The "brain" of the unit. It runs the PID (Proportional-Integral-Derivative) algorithm to calculate the gap between the Set Value (SV) and Present Value (PV) and adjust the output accordingly. 2. **A/D Converter (Analog-to-Digital):** Since sensors like Thermocouples output millivolts (mV), a high-resolution A/D converter is used to translate these tiny analog signals into digital data for the MCU. 3. **Isolation Circuit:** To protect the internal logic from high-voltage spikes, the input, power, and output sections are usually galvanically isolated. 4. **Relay/SSR Output:** * **Relay:** A mechanical switch for direct control of small heaters. * **SSR Drive:** A low-voltage DC signal (typically 12VDC) to trigger an external Solid State Relay for high-current loads. --- ### ### Model Code Breakdown (M7EASDY-2-R/CE) The suffix provides specific details about the hardware configuration: * **M7E:** Series designation. * **AS:** Advanced Sensor/Standard series. * **DY:** Display type (Digital/Yellow or Dynamic display). * **2:** Usually indicates the number of auxiliary outputs (Alarms). * **R:** Relay Control Output. * **CE:** Compliance with European Safety Standards (Conformité Européenne). --- ### ### Safety and Compliance This part is built for rugged industrial use, featuring: * **Noise Immunity:** Integrated filters to prevent interference from motors or power lines. * **Flame Retardant Case:** Often rated UL94V-0. * **Error Detection:** Sensor break alarms (Burn-out protection).
    ✨ Follow-up Questions
    • ⤷What is the difference between PID and ON/OFF control in this model?
    • ⤷ Can this controller be used with a PT100 sensor?
    • ⤷ How do I wire the Relay output for a 220V heater?