Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M7JM5N-R

  • AI
    Based on your query, the **M7JM5N-R** refers to a high-performance **Micro-SDXC memory card** specifically engineered by **Micron Technology** for industrial and automotive grade applications. --- ## 1. Technical Specifications The M7JM5N-R is part of the **Micron i300** series, designed to handle high-endurance workloads. | Feature | Specification | | :--- | :--- | | **Interface** | microSDXC™, UHS-I, SDA 6.0 | | **Capacity** | Typically 128GB to 1TB (depending on specific SKU suffix) | | **NAND Type** | 96-layer 3D TLC (Triple-Level Cell) | | **Speed Class** | Class 10, U3, V30, A2 | | **Operating Temperature** | -25°C to +85°C | | **Endurance** | High (Designed for 24/7 recording) | --- ## 2. Key Electronic Components & Features ### A. NAND Flash Memory The heart of the device is **3D TLC NAND**. Unlike consumer-grade cards, the M7JM5N-R uses high-quality silicon bins that ensure data integrity even after numerous program/erase cycles. ### B. Integrated Controller The onboard controller manages the internal logic of the card, including: * **Wear Leveling:** Distributes write operations evenly across the NAND cells to prevent premature failure of specific sectors. * **ECC (Error Correction Code):** Detects and fixes bit flips caused by electromagnetic interference or cell leakage. * **Bad Block Management:** Automatically maps out failing memory sectors. ### C. Health Monitoring (Smart Tool) This part supports **self-monitoring analysis**. In industrial settings, the controller communicates with the host system to report: 1. Percentage of lifetime used. 2. Spare blocks remaining. 3. Current temperature of the silicon. --- ## 3. Physical & Electrical Protection The "R" suffix and the industrial branding indicate reinforced electronic protections: * **Power Loss Protection:** Internal firmware protections to prevent data corruption during sudden power failures. * **Waterproof & X-Ray Proof:** The packaging is usually IEC 60529 (IP67) compliant. * **Voltage Range:** Operates strictly within **2.7V to 3.6V** signaling. --- ## 4. Common Use Cases Because of its high endurance and A2 (Application Performance Class 2) rating, this part is commonly used in: * **Edge AI Cameras:** Local processing and storage of video metadata. * **Black Box Recorders:** Continuous looping of high-bitrate 4K video. * **Industrial IoT (IIoT):** Storing sensor logs in environments with high vibration or temperature fluctuations.
    ✨ Follow-up Questions
    • ⤷ What is the TBW (Total Bytes Written) rating for this specific Micron model?
    • ⤷ How does the A2 performance class differ from the A1 class in industrial cards?
    • ⤷ What are the specific power consumption requirements during active write cycles?