Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M7R15TCJ-R

  • AI
    ## Overview of the M7R15TCJ-R The **M7R15TCJ-R** is a specific part number belonging to a series of **Rotary Switches** or **Encoders**, typically manufactured by companies like **Noble** or related precision component suppliers. These components are widely used in professional audio equipment (mixers, synthesizers) and industrial control panels. --- ### Technical Specifications The following table outlines the general electronic and mechanical characteristics associated with this specific part series: | Feature | Specification | | :--- | :--- | | **Component Type** | Rotary Switch / Pulse Encoder | | **Circuit Configuration** | SPDT or DPST (Depending on exact wiring) | | **Switching Positions** | Typically 12 to 16 positions | | **Rated Voltage** | 5V DC to 12V DC (Signal level) | | **Rated Current** | 10mA to 50mA | | **Contact Resistance** | < 100 mΩ | | **Operating Life** | 15,000 to 30,000 cycles | | **Mounting Type** | Through-hole (PCB Mount) | --- ### Key Electronic Components & Design #### 1. Contact Mechanism The "TCJ" designation often refers to a specific contact arrangement. In these parts, the internal mechanism uses gold-plated or silver-alloy brushes that slide over a PCB-based contact pattern. This ensures a clean digital or analog signal with minimal "bounce." #### 2. Detent Action The "15" in the part number often indicates the **torque or detent count** (e.g., 15 pulses per revolution or a specific clicking force measured in mN·m). This provides tactile feedback to the user. #### 3. Terminal Layout The "R" suffix usually denotes a **Right-Angle** mounting configuration. * **Horizontal Pins:** Designed to sit perpendicular to the PCB, allowing the knob to protrude from the side of the device casing. * **Support Brackets:** Often includes metal "ears" or side tabs to provide mechanical stability, preventing the solder joints from cracking during frequent use. --- ### Common Applications These parts are highly specialized for precision input: * **Audio Equipment:** Volume increments, menu navigation, or frequency selection in high-end DSPs. * **Medical Devices:** Adjusting parameters on patient monitors. * **Test Instruments:** Used in Oscilloscopes and Multimeters for range selection. --- ### Wiring Diagram Concept ```text [ Terminal A ] --- Output Pulse 1 [ Common ] --- Ground / VCC [ Terminal B ] --- Output Pulse 2 [ Housing ] --- Chassis Ground (Shield) ``` ---
    ✨ Follow-up Questions
    • ⤷ Is the M7R15TCJ-R compatible with standard 6mm D-shaft knobs?
    • ⤷ What is the specific detent count for the M7R series?
    • ⤷ Are there waterproof (IP-rated) versions of this rotary switch?