Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M7R18FCJ-R

  • AI
    The **M7R18FCJ-R** is a specific technical component typically associated with high-precision mechanical or electromechanical systems, often found in industrial automation or motion control applications (such as parts for specific motor encoders or robotic joints). Below is a breakdown of the electronic and structural aspects generally associated with this part series. --- ## 1. Component Overview The "M7R" series parts are often precision-engineered components used as interfaces between electronic controllers and mechanical actuators. | Attribute | Specification Details | | :--- | :--- | | **Category** | Electromechanical / Motion Control | | **Primary Function** | Signal transmission or mechanical coupling | | **Mounting Type** | Chassis or specialized flange mount | | **Durability** | Industrial grade (High vibration resistance) | --- ## 2. Key Electronic Features The electronic architecture of parts like the M7R18FCJ-R focuses on signal integrity and power distribution. ### A. Connectivity and Pinout * **Multi-pin Configuration:** Usually features a high-density pin layout to handle both power supply and feedback signals (like encoder data). * **Shielding:** Designed with electromagnetic interference (EMI) protection to ensure that high-frequency noise from nearby motors does not corrupt data signals. ### B. Signal Transmission * **Low Impedance:** The internal contacts are typically gold-plated or silver-plated to minimize resistance. * **Voltage Rating:** Often rated for standard industrial voltages (e.g., 24V DC for control logic). ### C. Environmental Protection * **Sealing:** Many variations in this series include O-rings or gaskets to meet IP (Ingress Protection) ratings. * **Thermal Stability:** Built to operate in environments with significant temperature fluctuations without expanding or contracting enough to lose electrical contact. --- ## 3. Structural Composition The "FCJ" and "R" suffixes in these part numbers often denote specific physical orientations or material finishes: 1. **Housing:** Die-cast aluminum or high-grade polymer for weight reduction and strength. 2. **Coupling Mechanism:** If used in a rotation context, it includes high-tolerance bearings or flexible couplings to prevent mechanical binding. 3. **Reverse/Right-Angle (R):** The "R" often signifies a "Right-angle" orientation or a "Reverse" pinout configuration, allowing for compact installations in tight electronic enclosures. --- ## 4. Common Applications * **Servo Motors:** Connecting the motor windings and the encoder to the main drive cable. * **Robotic Arms:** Providing a modular connection point at joints. * **CNC Machinery:** Handling the communication between the axis controller and the spindle. ---
    ✨ Follow-up Questions
    • ⤷What is the specific pin count for the M7R18FCJ-R model?
    • ⤷ Is this part compatible with standard MIL-spec connectors?
    • ⤷ What is the IP rating for this specific component series?