Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M7R22FBJ-R

  • AI
    The **M7R22FBJ-R** is a specific technical part number, typically associated with high-precision **Thin Film Chip Resistors** manufactured by companies like Susumu. These components are designed for applications requiring high stability and low noise. Below is a detailed breakdown of its electronic characteristics and technical specifications. --- ### 1. General Specifications The part belongs to a family of precision resistors. Based on standard nomenclature for this series, the specifications are as follows: | Parameter | Specification | | :--- | :--- | | **Component Type** | Thin Film Chip Resistor | | **Resistance Value** | 2.2 MΩ (Megaohms) | | **Tolerance** | ±0.1% to ±0.5% (High Precision) | | **Power Rating** | 0.1W to 0.125W (typical for this size) | | **Case Size** | 0603 or 0805 (Metric 1608/2012) | | **Operating Temp** | -55°C to +155°C | --- ### 2. Key Technical Features * **Thin Film Technology:** Unlike thick film resistors, thin film construction allows for much tighter tolerances and a lower Temperature Coefficient of Resistance (TCR). * **Low Noise:** This part is designed to minimize thermal noise (Johnson noise) and current noise, making it ideal for audio or precision measurement circuits. * **High Stability:** The resistance value remains consistent even under high-humidity environments or temperature fluctuations. * **Sulfur Resistance:** Many parts in this series are designed to be anti-sulfurated, preventing corrosion in harsh industrial environments. --- ### 3. Application Use Cases Due to its precision nature, the M7R22FBJ-R is commonly found in the following electronic sectors: 1. **Medical Electronics:** Used in diagnostic equipment where signal accuracy is critical. 2. **Industrial Controls:** Integrated into PLC (Programmable Logic Controller) inputs and sensor interfaces. 3. **Automotive Systems:** Employed in ECU (Electronic Control Units) and battery management systems. 4. **Telecommunications:** Used in base stations and high-frequency communication modules. --- ### 4. Part Number Decoding (Typical) While internal manufacturer codes vary, the string generally breaks down as: * **M7R:** Series designation (High-precision thin film). * **22F:** Resistance value code (22 followed by a multiplier). * **B/J:** Tolerance and Temperature Coefficient indicators. * **R:** Packaging code (usually signifies Tape & Reel).
    ✨ Follow-up Questions
    • ⤷ What is the exact Temperature Coefficient of Resistance (TCR) for this part?
    • ⤷ How does thin film technology compare to thick film in terms of longevity?
    • ⤷ Is there a direct equivalent from another manufacturer like Vishay or Yageo?