Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M7R22TAJ-R

  • AI
    Based on the part number **M7R22TAJ-R**, this component is a specific type of **surface-mount (SMD) aluminum electrolytic capacitor**. It is commonly used in power management circuits where space is limited but high capacitance and reliability are required. --- ### 1. Technical Specifications Table The part number follows a standardized coding system for capacitors. Here is the breakdown of its primary characteristics: | Parameter | Specification | | :--- | :--- | | **Component Type** | Aluminum Electrolytic Capacitor (SMD Type) | | **Capacitance** | 22 µF (Microfarads) | | **Voltage Rating** | 35V - 50V (Typical for 'R' series, check datasheet for exact) | | **Mounting Type** | Surface Mount (SMD / V-Chip) | | **Tolerance** | ±20% (Standard) | | **Packaging** | Tape & Reel (indicated by the "-R" suffix) | --- ### 2. Physical Design (V-Chip) The **M7** series usually refers to a specific case size and profile. These parts are designed for automated "Pick and Place" assembly. * **Case Shape:** Cylindrical metal can mounted on a square plastic base (V-Chip). * **Terminals:** Two flat metal tabs on the bottom for soldering to PCB pads. * **Polarity:** Marked with a black or colored band on the top of the cylinder indicating the **negative (-)** terminal. --- ### 3. Key Electronic Functions In a circuit, the M7R22TAJ-R serves three primary roles: 1. **Filtering:** It smooths out voltage ripples in DC power lines, especially after rectification. 2. **Decoupling:** It acts as a local energy reservoir to prevent voltage drops when a specific component (like an IC) suddenly draws current. 3. **Bypassing:** It shunts high-frequency noise to the ground to prevent interference with sensitive signals. --- ### 4. Common Applications Due to its SMD nature and mid-range capacitance, it is frequently found in: * **Automotive Electronics:** Sensors and infotainment systems. * **Consumer Electronics:** LED drivers, flat-screen monitors, and chargers. * **Telecommunications:** DC-DC converter modules and networking equipment. --- ### 5. Critical Precautions * **Polarity:** These are polarized components. Reverse bias can cause the capacitor to overheat, leak, or explode. * **Reflow Soldering:** Because it is an SMD part, it is sensitive to the heat profiles of soldering ovens. Exceeding the specified temperature can dry out the internal electrolyte.
    ✨ Follow-up Questions
    • ⤷What is the exact physical dimension (case size) of the M7 series?
    • ⤷ Are there low-ESR alternatives for the M7R22TAJ-R?
    • ⤷ How do I identify the negative terminal on this SMD capacitor?