Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M7R26FDJ-R

  • AI
    The **M7R26FDJ-R** refers to a specific series of high-performance Solid State Drive (SSD) components, typically manufactured by **Kioxia** (formerly Toshiba Memory). This part is commonly integrated into enterprise-grade storage solutions and high-end computing systems. --- ### 1. Key Technical Specifications Below is a breakdown of the electronic and functional specifications for this component: | Feature | Specification | | :--- | :--- | | **Component Type** | NVMe Solid State Drive (SSD) | | **Form Factor** | 2.5-inch (U.2) or M.2 (depending on specific sub-revision) | | **Interface** | PCIe Gen4 x4 | | **Protocol** | NVMe 1.4 | | **NAND Type** | BiCS FLASH™ (3D TLC) | | **Capacity Class** | High-density (typically ranging from 960GB to 7.68TB) | --- ### 2. Electronic Architecture The M7R26FDJ-R consists of several critical electronic sub-systems that allow it to function as a high-speed storage device: #### A. Controller Logic The "brain" of the device is an ASIC (Application Specific Integrated Circuit) designed to handle: * **Flash Translation Layer (FTL):** Maps logical addresses to physical NAND locations. * **Wear Leveling:** Ensures data is written evenly across memory cells to extend lifespan. * **Error Correction Code (ECC):** Uses advanced algorithms (like LDPC) to maintain data integrity against electronic noise. #### B. NAND Flash Array The storage medium consists of multiple **BiCS FLASH™** dies. These are 3D vertical structures that stack memory cells to increase density without increasing the physical footprint. #### C. Power Management Circuitry * **Voltage Regulation:** Converts the host input (typically 12V or 3.3V) to the lower voltages required by the NAND and Controller (often 1.2V or 1.8V). * **Power Loss Protection (PLP):** Usually includes a bank of capacitors that provide enough "hold-up" energy to flush the DRAM cache to the NAND flash if power is suddenly disconnected. --- ### 3. Performance Characteristics Electronic optimization allows this part to achieve enterprise-level throughput: * **Sequential Read/Write:** High bandwidth utilizing the PCIe Gen4 lanes. * **IOPS:** Optimized for multi-queue environments, making it suitable for data centers. * **Latency:** Minimal electronic delay between command receipt and data retrieval. --- ### 4. Common Use Cases Due to its robust electronic design, the M7R26FDJ-R is found in: 1. **Enterprise Servers:** For database management and cloud computing. 2. **AI Workstations:** Where fast data ingestion is required for model training. 3. **Storage Area Networks (SAN):** High-reliability storage arrays.
    ✨ Follow-up Questions
    • ⤷ What are the specific power consumption ratings for the M7R26FDJ-R during peak load?
    • ⤷ Does this model support TCG Opal or other hardware-based encryption standards?
    • ⤷ How does the BiCS FLASH technology in this part differ from standard 2D NAND?