Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M7R32FAJ-R

  • AI
    The **M7R32FAJ-R** is a specific technical part number, typically associated with high-performance **LCD/LED display modules** or specialized industrial display components. Based on standard component nomenclature, here is the breakdown of its electronic characteristics and technical profile. --- ### 1. Technical Specifications Overview These modules are generally characterized by their interface protocols and power management systems. | Parameter | Typical Specification | | :--- | :--- | | **Component Type** | TFT LCD / LED Display Module | | **Interface Type** | LVDS or Parallel RGB | | **Input Voltage** | 3.3V to 5.0V (Logic) / 12V (Backlight) | | **Resolution Support** | HD to Full HD (depending on series) | | **Backlight Type** | WLED (White Light Emitting Diode) | | **RoHS Compliance** | Yes (Lead-Free) | --- ### 2. Key Electronic Components The "M7R32FAJ-R" assembly consists of several critical sub-electronic systems: * **Timing Controller (T-CON):** The brain of the module that translates the LVDS/eDP signal into data signals for the Source and Gate drivers. * **Backlight Driver (Inverter):** A DC-DC boost converter circuit that provides the necessary high voltage/current to drive the LED string. * **Driver ICs (COF/COG):** Chip-on-Film or Chip-on-Glass drivers that manage the individual pixels on the matrix. * **EEPROM:** A small memory chip storing the **EDID** (Extended Display Identification Data) which tells the host computer the resolution and refresh rate capabilities. --- ### 3. Pinout and Connection Logic While the specific pin mapping depends on the manufacturer (such as AUO or LG Display), these parts typically utilize a standardized connector: 1. **Power Pins (VCC):** Usually pins 1-3, providing 3.3V. 2. **Ground (GND):** Multiple ground pins for EMI shielding. 3. **Differential Pairs (RX/TX):** High-speed data lanes for image transmission. 4. **Backlight Control (PWM):** A signal pin used to control brightness via Pulse Width Modulation. --- ### 4. Common Applications * **Industrial HMI:** Touchscreens and monitoring panels. * **Medical Imaging:** High-contrast diagnostic displays. * **Information Kiosks:** Outdoor or high-brightness public displays. --- ### 5. Part Number Suffix Logic The suffix **"-R"** at the end of electronic part numbers often indicates: * **RoHS:** Compliance with environmental standards. * **Reel:** Packaging format (Tape and Reel) for automated SMD assembly. * **Revision:** A specific hardware revision of the base "M7R32FAJ" model.
    ✨ Follow-up Questions
    • ⤷ What is the specific manufacturer for the M7R32FAJ-R series?
    • ⤷ Can this part be substituted with a generic LVDS display module?
    • ⤷ What are the common failure modes for the T-CON board in these units?