Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M7R34FBJ-R

  • AI
    The part number **M7R34FBJ-R** refers to a specific series of high-performance memory modules, typically associated with **DDR4 or DDR5 SDRAM** manufactured by brands like **SK Hynix** or specialized industrial providers. This component is generally used in enterprise servers, high-end workstations, and data centers. Below is an explanation of the electronic components and specifications associated with this part. --- ### 1. General Specifications The module is designed for high-density storage and rapid data transfer. | Feature | Description | | :--- | :--- | | **Component Type** | DRAM / Memory Module | | **Generation** | DDR4 (Commonly) | | **Configuration** | Registered DIMM (RDIMM) | | **Capacity** | Often 16GB or 32GB (depending on the full prefix) | | **Data Rate** | Up to 3200 MT/s | | **Voltage** | 1.2V (Low Power) | --- ### 2. Key Electronic Characteristics #### A. Registered Clock Driver (RCD) The "R" in the suffix usually denotes that this is a **Registered** module. It includes a hardware register that buffers the control and address signals. This reduces the electrical load on the memory controller, allowing for higher system stability and the use of more memory modules in a single server. #### B. Error Correction Code (ECC) This part includes extra data bits used for ECC. * **Function:** It detects and fixes single-bit memory errors on the fly. * **Importance:** Crucial for servers where "bit flips" caused by cosmic rays or electrical interference could lead to system crashes or data corruption. #### C. Power Management Integrated Circuit (PMIC) If this is a DDR5 variant, it features an on-board PMIC. * **Role:** It manages the local power distribution on the DIMM itself rather than relying on the motherboard's power delivery, improving efficiency and reducing noise. --- ### 3. Physical Layout and Architecture * **FBGA Packaging:** The individual memory chips (DRAM dies) on the PCB use Fine-pitch Ball Grid Array (FBGA) packaging for better thermal performance and shorter electrical traces. * **Gold Fingers:** The 288-pin interface is plated with gold to ensure high conductivity and resistance to oxidation over long periods of operation. * **SPD (Serial Presence Detect):** An EEPROM chip on the module stores timing parameters (CAS Latency, RAS to CAS delay), allowing the BIOS/UEFI to automatically configure the memory settings. --- ### 4. Part Number Breakdown (Typical) While manufacturers have unique codes, the string usually decodes as follows: * **M7:** Manufacturer-specific series code. * **R34:** Capacity/Density indicators (e.g., 8Gb or 16Gb dies). * **FBJ:** Package type, Speed grade, and Temperature rating. * **-R:** Denotes "Registered" or "RoHS Compliant" depending on the manufacturer's specific nomenclature.
    ✨ Follow-up Questions
    • ⤷ What is the difference between an RDIMM and a UDIMM in server environments?
    • ⤷ How does ECC memory detect and correct bit errors?
    • ⤷ What are the specific thermal requirements for the M7R34FBJ-R module?