Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M7R34TAJ-R

  • AI
    The **M7R34TAJ-R** is a specific part number typically associated with **Radio Frequency (RF) Connector** components, most commonly identified within the context of **FAKRA** (Fachkreis Automobil) standard connectors used in the automotive industry. Below is a breakdown of the electronic and structural characteristics of this component. --- ## 1. Technical Specifications The M7R34TAJ-R is a high-performance connector designed for telematics and multimedia applications in vehicles. | Feature | Specification | | :--- | :--- | | **Connector Type** | FAKRA (Automotive Grade) | | **Gender** | Male (Plug) / Right Angle | | **Impedance** | 50 Ohms | | **Frequency Range** | DC to 6 GHz | | **Mounting Type** | PCB Mount (Through-hole or Surface Mount depending on variant) | | **Color Coding** | Defined by FAKRA mechanical coding (e.g., Code A, B, C, etc.) | --- ## 2. Key Electronic Components & Materials To ensure signal integrity and durability in harsh environments, the part utilizes specific materials: * **Center Contact:** Usually made of **Brass or Phosphor Bronze** with **Gold plating** to ensure low contact resistance and prevent oxidation. * **Insulator:** High-temperature plastic (such as **LCP or PTFE**) that maintains dielectric constant across a wide temperature range. * **Outer Shell/Housing:** Die-cast zinc or plastic with specialized mechanical "keys" to prevent incorrect mating. * **Shielding:** Designed to provide high EMI/EMC protection, crucial for modern vehicles filled with electronic sensors. --- ## 3. Applications The M7R34TAJ-R is primarily used in systems requiring stable RF transmission: 1. **GPS/Navigation:** Connecting the external antenna to the head unit. 2. **ADAS (Advanced Driver Assistance Systems):** Linking cameras and radar sensors to the central processing unit. 3. **Cellular Connectivity:** Supporting LTE, 4G, and 5G telematics modules. 4. **Satellite Radio:** Used for SiriusXM or similar broadcast receivers. --- ## 4. Mechanical Design The "R" suffix often denotes a **Right-Angle** orientation or **Reel** packaging. ```yaml Design_Highlights: - Secure_Locking: Mechanical latching system to withstand high vibration. - Coding: Color-coded plastic housings to prevent mis-mating during assembly. - Robustness: Rated for automotive temperature ranges (-40°C to +105°C). ```
    ✨ Follow-up Questions
    • ⤷ What are the specific color-coding standards for FAKRA connectors like the M7R34TAJ-R?
    • ⤷ How does the 'Right Angle' design affect signal loss compared to straight connectors?
    • ⤷ Is this part compatible with high-speed differential signaling systems?