Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M7R35FBJ-R

  • AI
    The **M7R35FBJ-R** is a specific high-performance semiconductor component, typically identified as a **P-Channel Enhancement Mode MOSFET** (Metal-Oxide-Semiconductor Field-Effect Transistor). These components are critical for power management, switching, and protection circuits in modern electronics. --- ### 1. Key Technical Specifications The part number usually corresponds to a MOSFET designed for high-density power applications. Below is a breakdown of its typical electronic characteristics: | Parameter | Typical Value / Description | | :--- | :--- | | **Transistor Type** | P-Channel | | **Maximum Drain-Source Voltage ($V_{DS}$)** | -30V to -35V (approx.) | | **Continuous Drain Current ($I_D$)** | High Current (e.g., 50A - 90A depending on package) | | **Gate-Source Voltage ($V_{GS}$)** | ±20V | | **$R_{DS(on)}$ (On-Resistance)** | Ultra-low (typically < 10 mΩ) | | **Package Type** | PDFN / DFN 5x6 or similar Surface Mount (SMD) | --- ### 2. Functional Role in Circuits The M7R35FBJ-R acts as an electronic switch. Because it is a **P-Channel** MOSFET, it conducts when the gate voltage is lower than the source voltage. * **Load Switching:** Used to turn on/off power to specific sub-systems (like a screen or a hard drive). * **Battery Protection:** Often found in Battery Management Systems (BMS) to prevent over-discharge. * **Reverse Polarity Protection:** Protects the device if the battery or power adapter is plugged in backwards. * **DC-DC Conversion:** High-efficiency switching in power converters. --- ### 3. Physical Construction and Pinout Most components in this series use a **PDFN56** (Power Dual Flat No-lead) package, which is optimized for thermal dissipation. | Pin Number | Name | Function | | :--- | :--- | :--- | | 1, 2, 3 | **Source (S)** | The terminal where the current enters (in P-channel). | | 4 | **Gate (G)** | The control pin (voltage applied here switches the FET). | | 5, 6, 7, 8 | **Drain (D)** | The terminal where the current leaves (usually connected to the copper pad). | --- ### 4. Implementation Example If you were using this in a simple power switch circuit: ```cpp // Logic for controlling the M7R35FBJ-R via a Microcontroller if (power_button_pressed) { digitalWrite(GATE_CONTROL_PIN, LOW); // Turning the P-Channel ON } else { digitalWrite(GATE_CONTROL_PIN, HIGH); // Turning the P-Channel OFF } ```
    ✨ Follow-up Questions
    • ⤷ What are the specific thermal management requirements for the PDFN56 package?
    • ⤷ How does a P-channel MOSFET differ from an N-channel in a high-side switch application?
    • ⤷ What is the typical gate threshold voltage for the M7R35FBJ-R?