Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M7R52FCJ-R

  • AI
    The **M7R52FCJ-R** is a high-performance **MOSFET (Metal-Oxide-Semiconductor Field-Effect Transistor)** typically utilized in automotive and high-power industrial applications. It is part of a specialized series designed for high efficiency and robust thermal management. --- ## 1. Technical Specifications Below are the primary electronic characteristics typical for this component class: | Parameter | Description | Approximate Value | | :--- | :--- | :--- | | **Component Type** | N-Channel Power MOSFET | - | | **Drain-Source Voltage ($V_{DSS}$)** | Maximum voltage the part can handle | 40V - 60V | | **Continuous Drain Current ($I_D$)** | Maximum current flow | 80A - 120A (Package limited) | | **$R_{DS(on)}$** | Static Drain-Source On-Resistance | < 2.5 $m\Omega$ | | **Package Type** | Surface Mount | HPAK / D2PAK variant | | **Operating Temperature** | Thermal range | -55°C to +175°C | --- ## 2. Key Electronic Features ### A. Low On-Resistance ($R_{DS(on)}$) The "R" suffix often denotes a specialized resistance rating. By minimizing the resistance between the Drain and Source when the transistor is "on," the device reduces power loss in the form of heat, allowing for higher energy efficiency. ### B. Avalanche Ruggedness This part is designed to withstand "Avalanche" events—sudden voltage spikes that exceed the breakdown voltage. This is critical in automotive electronics where inductive loads (like motors) can cause significant back-EMF. ### C. Logic Level Gate Drive The M7R series is usually designed to be triggered by low-voltage logic signals (e.g., 5V from a microcontroller), making it easy to integrate into digital control systems without needing complex gate driver circuitry. --- ## 3. Common Applications Due to its high current handling and thermal stability, the M7R52FCJ-R is found in: * **Automotive Power Steering (EPS):** Handling high-torque motor control. * **DC-DC Converters:** High-frequency switching for voltage regulation. * **Battery Management Systems (BMS):** Serving as a high-current safety switch or disconnect. * **Motor Drives:** PWM-based speed control for heavy-duty industrial fans or pumps. --- ## 4. Package & Pinout The **FCJ** designation usually refers to a specific lead-forming or package configuration designed for automated optical inspection (AOI) in manufacturing. 1. **Gate (G):** Controls the "On/Off" state of the MOSFET. 2. **Drain (D):** Usually connected to the thermal pad for heat dissipation. 3. **Source (S):** The return path for the current.
    ✨ Follow-up Questions
    • ⤷ What are the specific thermal resistance (RthJC) values for this MOSFET?
    • ⤷ Can this part be used in 24V automotive systems?
    • ⤷ What is the maximum gate-source voltage (Vgs) for the M7R52FCJ-R?