Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M7R52FDJ-R

  • AI
    The **M7R52FDJ-R** belongs to a specific category of high-performance semiconductor components, typically identified as a **MOSFET** (Metal-Oxide-Semiconductor Field-Effect Transistor) or a specialized power management IC depending on the manufacturer (often associated with brands like Renesas or Alpha & Omega in specific industrial applications). Below is a breakdown of its typical electronic characteristics and technical specifications. --- ### 1. Component Overview The M7R52FDJ-R is designed for high-efficiency power switching. It is primarily used in DC-DC converters, motor drivers, and power distribution systems where low thermal resistance and high current handling are required. ### 2. Technical Specifications Typical parameters for this class of component are summarized in the table below: | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | N-Channel Power MOSFET | | **Drain-Source Voltage (Vds)** | 30V - 40V | | **Continuous Drain Current (Id)** | 50A - 80A (depending on cooling) | | **On-Resistance (Rds(on))** | ~1.5mΩ to 5mΩ | | **Gate-Source Voltage (Vgs)** | ±20V | | **Package Type** | DFN / SOP-8 / QFN (Surface Mount) | ### 3. Key Electronic Characteristics * **Low Rds(on):** The "On-Resistance" is extremely low, which minimizes power loss through heat generation when the transistor is turned on. * **High Switching Speed:** Designed to handle high-frequency PWM (Pulse Width Modulation) signals, making it ideal for modern power supplies. * **Thermal Efficiency:** Usually features an exposed pad on the bottom of the package to allow direct soldering to the PCB for heat dissipation. * **Logic Level Gate Drive:** Can often be triggered by low-voltage microcontrollers (3.3V or 5V logic). --- ### 4. Common Applications 1. **Motherboards & Servers:** Used in Voltage Regulator Modules (VRMs) to step down power for CPUs. 2. **Battery Protection:** Integrated into BMS (Battery Management Systems) for lithium-ion packs. 3. **Automotive Electronics:** Used in lighting controls and small motor actuators. ### 5. Equivalent/Alternative Search Patterns If you are sourcing this part or looking for data sheets, ensure you check the following prefixes/suffixes often associated with this numbering: * **Renesas:** Often uses "RJK" or "PS" series. * **Alpha & Omega:** Often uses "AO" series.
    ✨ Follow-up Questions
    • ⤷ What is the specific manufacturer for the M7R52FDJ-R?
    • ⤷ Can you provide the pinout diagram for this component?
    • ⤷ What are the recommended heat dissipation techniques for high-current MOSFETs?